Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7414ARTZ-1REEL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7414ARTZ-1REEL
Szczegółowy opis  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7414ARTZ-1REEL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7414ARTZ-1REEL Datasheet HTML 7Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 8Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 9Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 10Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 11Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 12Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 13Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 14Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7414/AD7415
Rev. F | Page 11 of 20
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
1
SCL
SDA
1
A2
A1
A0
P7
P6
P5
P4
P3
P2
P1
P0
ACK. BY
AD7414/AD7415
STOP BY
MASTER
START BY
MASTER
1
ACK. BY
AD7414/AD7415
9
1
9
0
0
R/W
Figure 10
. Writing to the Address Pointer Register to Select a Register for a Subsequent Read Operation
FRAME 3
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
AD7414/AD7415
STOP BY
MASTER
SCL (CONTINUED)
SDA (CONTINUED)
1
SCL
SDA
1
A2
A1
A0
P7
P6
P5
P4
P3
P2
P1
P0
ACK. BY
AD7414/AD7415
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
ACK. BY
AD7414/AD7415
9
1
9
1
11
•• •
•••
•• •
•••
9
1
R/W
Figure 11
. Writing to the Address Pointer Register Followed by a Single Byte of Data to the Selected Register
SDA
NO ACK. BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
SINGLE DATA BYTE FROM AD7414/AD7415
ACK. BY
AD7414/AD7415
D7
D6
D5
D4
D3
D2
D1
D0
A0
A1
A2
1
0
1
SCL
STOP BY
MASTER
0
R/W
Figure 12.
Reading a Single Byte of Data from a Selected Register
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK. BY
MASTER
STOP BY
MASTER
FRAME 3
LEAST SIGNIFICANT DATA BYTE FROM AD7414/AD7415
SCL (CONTINUED)
SDA (CONTINUED)
1
SCL
SDA
1
A2
A1
A0
D15
D14
D13
D12
D10
D11
D9
D8
ACK. BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE FROM AD7414/AD7415
ACK. BY
AD7414/AD7415
1
9
•••
•• •
•••
•••
1
9
0
0
1
9
R/W
Figure 13
. Reading Two Bytes of Data from the Temperature Value Register


Podobny numer części - AD7414ARTZ-1REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD741 AD-AD741 Datasheet
181Kb / 6P
   Low Cost, High Accuracy IC Op Amps
REV. A
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
More results

Podobny opis - AD7414ARTZ-1REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com