Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ5914 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części SMAJ5914
Szczegółowy opis  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SMAJ5914 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  SMAJ5914 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMAJ5914 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMAJ5914 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMAJ5913 thru SMAJ5936
Document Number: SMAJ5913 thru SMAJ5936
www.smsemi.com
Feb.29, 2012
3
Characteristic Curve
Fig.1 Power Derating Curve
Fig.2 Transient Surge Capability
Square-Wave Pulse Width (non-
Repetitive) in milliseconds
0.01
0.1
1.0
10
10
2
10
3
Time in Milliseconds (ms)
5.0
4.0
3.0
2.0
1.0
0
TL
TA
10
3
10
2
10
1.0
0
50
100
150
200
Lead or Ambient Temperature (℃)
0
50
100
150
200
Zener Voltage (V)
100
10
1
Fig.3 Capacitance vs. Zener Voltage
At zero volts
At 2volts (VR)
打印无效


Podobny numer części - SMAJ5914

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
SMAJ5914 MICROSEMI-SMAJ5914 Datasheet
168Kb / 2P
   SILICON 3.0 WATT ZENER DIODES
logo
Micro Commercial Compon...
SMAJ5914B MCC-SMAJ5914B Datasheet
486Kb / 5P
   1.5 Watt Zener Diode 3.3 to 51 Volts
logo
Galaxy Semi-Conductor H...
SMAJ5914B BILIN-SMAJ5914B Datasheet
153Kb / 4P
   Surface mount zener diode
logo
Shanghai Leiditech Elec...
SMAJ5914B LEIDITECH-SMAJ5914B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
More results

Podobny opis - SMAJ5914

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com