Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBJ120A Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SMBJ120A
Szczegółowy opis  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SMBJ120A Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SMBJ120A Datasheet HTML 1Page - List of Unclassifed Manufacturers SMBJ120A Datasheet HTML 2Page - List of Unclassifed Manufacturers SMBJ120A Datasheet HTML 3Page - List of Unclassifed Manufacturers SMBJ120A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBJ5.0 thru SMBJ170CA
Document Number: SMBJ5.0 thru SMBJ170CA
www.smsemi.com
Feb.29, 2012
1
Maximum Ratings and Electrical Characteristics @ 25
OC unless otherwise specified
Symbol
Conditions
Value
Unit
PPPM
Peak pulse power capability with a 10/1000
μs
600
W
IPPM
Peak pulse current with a
10/1000μs
SEE TABLE1
A
PM(AV)
Steady state power dissipation at TL=25℃ ,Lead lengths 0.375”(10mm)
5.0
W
Steady state power dissipation at TA=25℃ when mounted on FR4 PC
described for thermal resistance
1.38
W
IFSM
Peak forward surge current,8.3ms single half sine-wave unidirectional only⑴
100
A
VF
Maximum instantaneous forward voltage at 30A for unidirectional only
3.5
V
RθJL
Thermal resistance junction to lead
25
℃/W
RθJA
Thermal resistance junction to ambient
90
℃/W
TJ, TSTG
Operating and Storage Temperature
-65 to +150
Notes:
⑴ Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum
Transient Voltage Suppressor
Breakdown Voltage 5.0 to 170 Volts
Peak Pulse Power
600 Watts
Features
Breakdown Voltages (VBR) from 5.0 to 170V
600W peak pulse power capability with a 10/1000
μs
waveform, repetitive rate (duty cycle):0.01%
Fast Response Time
Low incremental surge resistance
Excellent clamping capability
Available in uni-directional and bi-directional
High temperature soldering guaranteed: 265℃ /10
seconds, 0.375” (9.5mm) lead length, 5lbs. (2.3kg)
tension
Application
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICS, MOSFE, signal lines of sensor units for
consumer, computer, industrial, automotive and
telecommunication
Mechanical Data
Case: Void-free transfer molded thermosetting epoxy
body meeting UL94V-O
Terminals: Tin-Lead or ROHS Compliant annealed
matte-Tin plating readily solderable per MIL-STD-750,
Method 2026
Marking: Body marked with part number
Polarity: Cathode indicated by band. No marking on bi-
directional devices
Weight: 0.093g(Approximately)
CASE: SMB (DO214AA)
Dimensions in inches and (millimeters)
打印无效


Podobny numer części - SMBJ120A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Gude Electronic D...
SMBJ120A JGD-SMBJ120A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMBJ120A VISHAY-SMBJ120A Datasheet
95Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-12
logo
Littelfuse
SMBJ120A LITTELFUSE-SMBJ120A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Galaxy Semi-Conductor H...
SMBJ120A BILIN-SMBJ120A Datasheet
837Kb / 7P
   Transient Voltage Suppressor
logo
Weitron Technology
SMBJ120A WEITRON-SMBJ120A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Podobny opis - SMBJ120A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com