Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBJ130 Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części SMBJ130
Szczegółowy opis  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SMBJ130 Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  SMBJ130 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMBJ130 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMBJ130 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMBJ130 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMBJ5.0 thru SMBJ170CA
Document Number: SMBJ5.0 thru SMBJ170CA
www.smsemi.com
Feb.29, 2012
4
Characteristic Curve
Fig.3 Derating Curve
Fig. 1 Peak Pulse Power vs. Pulse Time
Fig.2 Pulse Waveform for Exponential Surge
100
10
1.0
0.1
0.1
1.0
10
10
2
10
3
10
4
tw-Pulse Width (µs)
Fig.4 Typical Capacitance vs.
Breakdown Voltage (Unipolar)
0
1.0
2.0
3.0
t-Time (ms)
tr=10µs
Peak Value IPP
Half Value IPP
2
10/1000µs Waveform
as defined by R.E.A.
150
100
50
0
1
10
10
2
10
3
VBR – Breakdown Voltage (V)
100
75
50
25
0
Peak Pulse Power
(Single pulse).
Average
Power
Measured at
Zero Bias
Measured at
Stand-off Voltage
10
4
10
3
10
2
10
Impulse
Exponential
Decay
1.0
0.5
IPP
IPP
tW
tW
tW=0.71p
tp
Half Sine
Square
Wave
Current Waveforms
tW
0
50
100
150
200
Lead or Ambient Temperature (℃)
Fig.5 Max. Non-Repetitive Forward Surge Current
Uni-Directional Only
1
10
100
Number of Cycles at 60HZ
100
10
TJ=TJ Max.
8.3ms Single Half Sine-Wave
打印无效


Podobny numer części - SMBJ130

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Gude Electronic D...
SMBJ130 JGD-SMBJ130 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ130 SOCAY-SMBJ130 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Galaxy Semi-Conductor H...
SMBJ130 BILIN-SMBJ130 Datasheet
118Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMBJ130 JUXING-SMBJ130 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
SMBJ130 MCC-SMBJ130 Datasheet
323Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
More results

Podobny opis - SMBJ130

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com