Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7533 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7533
Szczegółowy opis  CMOS Low Cost, 10-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7533 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7533_15 Datasheet HTML 1Page - Analog Devices AD7533_15 Datasheet HTML 2Page - Analog Devices AD7533_15 Datasheet HTML 3Page - Analog Devices AD7533_15 Datasheet HTML 4Page - Analog Devices AD7533_15 Datasheet HTML 5Page - Analog Devices AD7533_15 Datasheet HTML 6Page - Analog Devices AD7533_15 Datasheet HTML 7Page - Analog Devices AD7533_15 Datasheet HTML 8Page - Analog Devices AD7533_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7533
Rev. C | Page 5 of 12
TERMINOLOGY
Relative Accuracy
Relative accuracy or endpoint nonlinearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
adjusting for ideal zero and full scale and is expressed in % of
full-scale range or (sub) multiples of 1 LSB.
Resolution
Value of the LSB. For example, a unipolar converter with n bits
has a resolution of (2–n) (VREF). A bipolar converter of n bits has
a resolution of [2–(n–1)] (VREF). Resolution in no way implies
linearity.
Settling Time
Time required for the output function of the DAC to settle to
within ½ LSB for a given digital input stimulus, that is, 0 to
full scale.
Gain Error
Gain error is a measure of the output error between an ideal
DAC and the actual device output. It is measured with all 1s in
the DAC after offset error is adjusted out and is expressed in LSBs.
Gain error is adjustable to zero with an external potentiometer.
Feedthrough Error
Error caused by capacitive coupling from VREF to output with all
switches off.
Output Capacitance
Capacity from IOUT1 and IOUT2 terminals to ground.
Output Leakage Current
Current that appears on IOUT1 terminal with all digital inputs
low or on IOUT2 terminal when all inputs are high.


Podobny numer części - AD7533_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7533ACHIPS AD-AD7533ACHIPS Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
logo
Intersil Corporation
AD7533AD INTERSIL-AD7533AD Datasheet
6Mb / 180P
   Data Acquisition
logo
Analog Devices
AD7533AQ AD-AD7533AQ Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533AQ AD-AD7533AQ Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533AQ AD-AD7533AQ Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
More results

Podobny opis - AD7533_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7533JNZ AD-AD7533JNZ Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD7533 AD-AD7533 Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533 AD-AD7533 Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
   CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
SP9316 SIPEX-SP9316 Datasheet
132Kb / 8P
   16-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com