Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA139A Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części CA139A
Szczegółowy opis  Quad Voltage Comparators for Industrial, Commercial and Military Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA139A Arkusz danych(HTML) 4 Page - Intersil Corporation

  CA139A Datasheet HTML 1Page - Intersil Corporation CA139A Datasheet HTML 2Page - Intersil Corporation CA139A Datasheet HTML 3Page - Intersil Corporation CA139A Datasheet HTML 4Page - Intersil Corporation CA139A Datasheet HTML 5Page - Intersil Corporation CA139A Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Electrical Specifications
V+ = 5V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
TEMP
(oC)
LM2901
LM3302
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
VIO
VREF = 1.4V, RS = 0,
Output Switch Point
V
1.4V
TA = 25
-
2
7
-
1
20
mV
Note 4
-
-
15
-
-
40
mV
Differential Input Voltage
VID
Keep All Inputs
≥ 0V, or
V- (if used), (Note 5)
Note 4
-
-
36
-
-
28
V
Saturation Voltage
VSAT
VI- = 1V, VI+ = 0V,
ISINK ≤ 4mA
TA = 25
-
250
400
-
250
500
mV
Note 4
-
-
700
-
-
700
mV
Common Mode Input
Voltage Range
VICR
Note 6
TA = 25
0
-
V+ - 1.5
0
-
V+ -1.5
V
Note 4
0
-
V+ - 2
0
-
V+ -2
V
Input Offset Current
IIO
II+ - II-TA = 25
-
5
50
-
3
100
nA
Note 4
-
-
200
-
-
300
nA
Input Bias Current
IIB
II+orII- with Output in
Linear Range
TA = 25
-
25
250
-
25
500
nA
Note 4
-
-
500
-
-
1000
nA
Total Supply Current
I+
RL = ∞ on All
Comparators
TA = 25
-
0.8
2
-
0.8
2
mA
Output Leakage Current
VI+ ≥ 1V, VI- = 0V,
VO = 5V
TA = 25
-
0.1
-
-
0.1
-
nA
VI+ ≥ 1V, VI- = 0V,
VO = 30V
Note 4
-
-
1
-
-
1
µA
Output Sink Current
VI- ≥ 1V, VI+ = 0V,
VO ≤ 1.5V
TA = 25
6
16
-
6
16
-
mA
Voltage Gain
AOL
RL ≥ 15kΩ, V+ = 15V
TA = 25
25
100
-
2
30
-
V/mV
Large Signal Response
Time
VI = TTL Logic Swing,
VREF = 1.4V,
VRL =5V, RL = 5.1kΩ
TA = 25
-
300
-
-
300
-
ns
Response Time
(Figures 3, 4)
VRL = 5V, RL = 5.1kΩ
TA = 25
-
1.3
-
-
1.3
-
µs
Typical Performance Curves
FIGURE 1. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 2. INPUT CURRENT vs SUPPLY VOLTAGE
1.0
0.8
0.6
0.4
0.2
010
20
30
POSITIVE SUPPLY VOLTAGE (V)
RL = ∞
0oC
-55oC
25oC
70oC
125oC
VIC = 0V
60
50
40
20
10
010
20
30
40
-55oC
RIC = 10
9
POSITIVE SUPPLY VOLTAGE (V)
0oC
25oC
70oC
125oC
30
CA139, CA139A, CA239, CA339, LM339, LM2901, LM3302


Podobny numer części - CA139A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GE Solid State
CA139A GESS-CA139A Datasheet
129Kb / 1P
   Single/Quad Types Comparators
logo
Intersil Corporation
CA139A INTERSIL-CA139A Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
GE Solid State
CA139AE GESS-CA139AE Datasheet
129Kb / 1P
   Single/Quad Types Comparators
CA139AF GESS-CA139AF Datasheet
129Kb / 1P
   Single/Quad Types Comparators
More results

Podobny opis - CA139A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com