Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3524 Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części CA3524
Szczegółowy opis  Regulating Pulse Width Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3524 Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button CA3524 Datasheet HTML 6Page - Intersil Corporation CA3524 Datasheet HTML 7Page - Intersil Corporation CA3524 Datasheet HTML 8Page - Intersil Corporation CA3524 Datasheet HTML 9Page - Intersil Corporation CA3524 Datasheet HTML 10Page - Intersil Corporation CA3524 Datasheet HTML 11Page - Intersil Corporation CA3524 Datasheet HTML 12Page - Intersil Corporation CA3524 Datasheet HTML 13Page - Intersil Corporation CA3524 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
CA1524, CA2524, CA3524
FIGURE 14. FOLDBACK CURRENT-LIMITING CIRCUIT USED
TO
REDUCE
POWER
DISSIPATION
UNDER
SHORTED OUTPUT CONDITIONS
FIGURE 15. CAPACITOR-DIODE COUPLED VOLTAGE
MULTIPLIER OUTPUT STAGES
FIGURE 16. SINGLE-ENDED INDUCTOR CIRCUITS WHERE THE
TWO OUTPUTS OF THE 1524 ARE CONNECTED IN
PARALLEL
FIGURE 17. TRANSFORMER-COUPLED OUTPUTS
5
4
SA//SB
R1
R2
RS
SENSE
VO = 5V
IMAX =
I
RS
VTH +
VOR2
R1 + R2
()
ISC =
VTH
RS
WHERE
VTH = 200mV
+
-
V+
V+
V+
SA
SA
SA
SB
SB
SB
D1
D1
D1
V+ > VO
V+ < VO
| V+ | > | VO |
+VO
+VO
-VO
NOTE: Diode D1 Is Necessary To Prevent Reverse
Emitter-Base Breakdown of Transistor Switch SA.
V+
V+
V+
SA/SB
SA/SB
SA/SB
+VO
+VO
-VO
| V+ | < | VO |
V+ < VO
V+ > VO
TABLE 1. INPUT vs. OUTPUT VOLTAGE, AND FEEDBACK
RESISTOR VALUES FOR IL = 40mA (FOR CAPACI-
TOR-DIODE OUTPUT CIRCUIT IN FIGURE 18)
VO (V)
R2 (KΩ)
V+ (Min.) (V)
-0.5
6
8
-2.5
10
9
-3
11
10
-4
13
11
-5
15
12
-6
17
13
-7
19
14
-8
21
15
-9
23
16
-10
25
17
-11
27
18
-12
29
19
-13
31
20
-14
33
21
-15
35
22
-16
37
23
-17
39
24
-18
41
25
-19
43
26
-20
45
27
SA-B
V+
VO
V+
SA
SB
PUSH-PULL
FLYBACK
VO
VO
FULL BRIDGE
V+
+
-
VO
+
-
V+
SA
SB
Q1
Q2
CAN BE SA OR
SA CAN DRIVEQ1
CAN BE SB OR
SB CAN DRIVEQ2


Podobny numer części - CA3524

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CA3524E ETC2-CA3524E Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Podobny opis - CA3524

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com