Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3059 Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części CA3059
Szczegółowy opis  Zero-Voltage Switches for 50Hz-60Hz and 400Hz Thyristor Control Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3059 Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button CA3059 Datasheet HTML 3Page - Intersil Corporation CA3059 Datasheet HTML 4Page - Intersil Corporation CA3059 Datasheet HTML 5Page - Intersil Corporation CA3059 Datasheet HTML 6Page - Intersil Corporation CA3059 Datasheet HTML 7Page - Intersil Corporation CA3059 Datasheet HTML 8Page - Intersil Corporation CA3059 Datasheet HTML 9Page - Intersil Corporation CA3059 Datasheet HTML 10Page - Intersil Corporation CA3059 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
9
CA3059, CA3079
FIGURE 7A. GATE PULSE DURATION TEST CIRCUIT WITH
ASSOCIATED WAVEFORM FOR CA3059 AND
CA3079
FIGURE 7B. TOTAL GATE PULSE DURATION vs EXTERNAL
CAPACITANCE FOR CA3059 AND CA3079
FIGURE 7C. PULSE DURATION AFTER ZERO CROSSING vs
EXTERNAL CAPACITANCE FOR CA3059 & CA3079
FIGURE 7D. TOTAL GATE PULSE DURATION vs EXTERNAL
RESISTANCE FOR CA3059
FIGURE 8. OUTPUT LEAKAGE CURRENT (INHIBIT MODE) vs
AMBIENT TEMPERATURE FOR CA3059 AND CA3079
FIGURE 9. INPUT BIAS CURRENT TEST CIRCUIT FOR CA3059
AND CA3079
13
12
8
2
6K
5K
100
µF
4OSC.
WITH
HIGH
GAIN
INPUT
CA3059
CA3079
5
7
9
10
11
C(EXT)
RS
10K
120VRMS
60Hz
REXT
- dv/dt
AC LINE
+ dv/dt
GATE
PULSE
0V
tP
tP1
tN1
tN
NOTE: Circuitry within shaded area not included in CA3079.
All resistance values are in
1M
300
200
100
0
0
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09
EXTERNAL CAPACITANCE (
µF)
tP (POSITIVE dv/dt)
tN (NEGATIVE dv/dt)
120VRMS, 50/60Hz OPERATION
TA = +25oC
700
600
500
400
300
200
100
0
0
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.1
EXTERNAL CAPACITANCE (
µF)
tN1 (NEGATIVE dv/dt)
tP1 (POSITIVE dv/dt)
120VRMS, 50/60Hz OPERATION
TA = +25oC
EXTERNAL RESISTANCE (k
Ω)
40
30
20
10
0
10
100
tP (POSITIVE dv/dt)
tN (NEGATIVE dv/dt)
120VRMS, 50/60Hz OPERATION
TA = +25oC
100
10
1
0.1
-80 -60 -40 -20 0
20
40 60 80 100 120 140
AMBIENT TEMPERATURE (oC)
120VRMS, 50/60Hz OPERATION
INPUT RESISTANCE (RS = 100kΩ
NO EXTERNAL LOAD
CA3059
CA3079
2
7
9
+3V
13
8
II
V+ = 6V


Podobny numer części - CA3059

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
CA3059 ONSEMI-CA3059 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
logo
List of Unclassifed Man...
CA3059 ETC2-CA3059 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Podobny opis - CA3059

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN5560 PANASONIC-AN5560 Datasheet
105Kb / 2P
   50Hz and 60Hz Detection IC for TV
logo
MPS Industries, Inc.
P8E2R4VA MPSIND-P8E2R4VA Datasheet
174Kb / 1P
   2.4VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA MPSIND-P8E5VA Datasheet
176Kb / 1P
   5VA 50Hz/60Hz LINE TRANSFORMER
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com