Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3080AM96 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części CA3080AM96
Szczegółowy opis  2MHz, Operational Transconductance Amplifier (OTA)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3080AM96 Arkusz danych(HTML) 4 Page - Intersil Corporation

  CA3080AM96 Datasheet HTML 1Page - Intersil Corporation CA3080AM96 Datasheet HTML 2Page - Intersil Corporation CA3080AM96 Datasheet HTML 3Page - Intersil Corporation CA3080AM96 Datasheet HTML 4Page - Intersil Corporation CA3080AM96 Datasheet HTML 5Page - Intersil Corporation CA3080AM96 Datasheet HTML 6Page - Intersil Corporation CA3080AM96 Datasheet HTML 7Page - Intersil Corporation CA3080AM96 Datasheet HTML 8Page - Intersil Corporation CA3080AM96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FIGURE 2. 1,000,000/1 SINGLE-CONTROL FUNCTION GENERATOR - 1MHz TO 1Hz
NOTE: A Square-Wave Signal Modulates The External Sweeping
Input to Produce 1Hz and 1MHz, showing the 1,000,000/1 frequency
range of the function generator.
NOTE: The bottom trace is the sweeping signal and the top trace is
the actual generator output. The center trace displays the 1MHz signal
via delayed oscilloscope triggering of the upper swept output signal.
FIGURE 3A. TWO-TONE OUTPUT SIGNAL FROM THE
FUNCTION GENERATOR
FIGURE 3B. TRIPLE-TRACE OF THE FUNCTION GENERATOR
SWEEPING TO 1MHz
FIGURE 3. FUNCTION GENERATOR DYNAMIC CHARACTERISTICS WAVEFORMS
Typical Applications (Continued)
7
4
7
5
4
4
7
6
CA3160
3
2
6
8.2k
2
3
2
3
6
5
20pF
VOLTAGE-CONTROLLED
CURRENT SOURCE
+7.5V
CA3080A
1k
1k
2M
100k
7.5V
+7.5V
SYMMETRY
MAX FREQ. SET
EXTERNAL
SWEEPING INPUT
+7.5V
10k
6.2k
500
-7.5V
MIN FREQ. SET
4.7k
-7.5V
0.9 - 7pF
C1
6.2k
10 - 80pF
C2
4 - 60pF
C3
+
-
BUFFER VOLTAGE
FOLLOWER
0.1
µF
0.1
µF
-7.5V
+7.5V
2k
10k
CENTERING
100k
+7.5V
-7.5V
+7.5V
430pF
6.8M
CA3080
+
-
30k
-7.5V
10k
50k
C5
15 - 115
C4
4 - 60
HIGH-FREQ.
LEVEL
ADJUST
2-1N914
HIGH-
FREQ.
SHAPE
THRESHOLD
DETECTOR
+
-
FREQ.
ADJUST
500
CA3080, CA3080A


Podobny numer części - CA3080AM96

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3080AM96 INTERSIL-CA3080AM96 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3080AM96 RENESAS-CA3080AM96 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
More results

Podobny opis - CA3080AM96

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com