Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3126E Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części CA3126E
Szczegółowy opis  TV Chroma Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3126E Arkusz danych(HTML) 4 Page - Intersil Corporation

  CA3126E Datasheet HTML 1Page - Intersil Corporation CA3126E Datasheet HTML 2Page - Intersil Corporation CA3126E Datasheet HTML 3Page - Intersil Corporation CA3126E Datasheet HTML 4Page - Intersil Corporation CA3126E Datasheet HTML 5Page - Intersil Corporation CA3126E Datasheet HTML 6Page - Intersil Corporation CA3126E Datasheet HTML 7Page - Intersil Corporation CA3126E Datasheet HTML 8Page - Intersil Corporation CA3126E Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
8-36
Block Diagram
TV CHROMA PROCESSOR
NOTES:
6. Optional design features.
7. Pinout numbers refer to the PDIP package.
-
π/4
φ SHIFTER
4
3
6
7
2
SIGNAL
SAMPLE
AND HOLD
BIAS
SAMPLE
AND HOLD
DC CONTR.
BALANCED
φ SHIFTER
VCO
AMPL.
LIMIT
AFPC
DET.
+
π/4
φ SHIFTER
AMPL.
8
CARRIER
OUTPUT
ACC
AMPL.
ACC
DET.
INTERN.
REF.
ATTENU-
ATOR
OVERLOAD
DETECTOR
SECOND
CHROMA
AMPL.
13
BIAS
CONTROL
COUPLING
NETWORK
KILLER
AMPL.
12
15
DELAY
BIAS
DELAY
BIAS
SIGNAL
SAMPLE
AND HOLD
BIAS
SAMPLE
AND HOLD
BALANCE-
UNBALANCE
TRANSLATOR
10
11
1
16
FIRST
CHROMA
AMPL.
SUPPLY
VOLTAGE
2N2102
CHROMA
OUTPUT
270
10k
0.05
µF
0.01
µF
3.9k
ZENER
REF.
KEYER
14
9
2k
5
µs WIDTH
HORIZONTAL
KEY INPUT
0V
KILLER
FILTER
CHROMA
INPUT
CHROMA
INPUT
0.01
µF
2.45k
2
µF
CHROMA GAIN
CONTROL
1.2k
50k
10
k
TO
TERM. 12
0.01
µF
0.01
µF
1
µF
ACC
FILTER
CA3126
0.01
µF
+11.2V
33pF
20pF
10pF
CRYSTAL
FILTER
680
2k
AFPC
FILTER
1.0
µF
0.01
µF
RF
BYPASS
0.01
µF
GND
0.01
µF
+24V
CW
CCW
(NOTE 6)
(NOTE 6)
5
CA3126


Podobny numer części - CA3126E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Harris Corporation
CA3126E HARRIS-CA3126E Datasheet
117Kb / 9P
   TV Chroma Processor
More results

Podobny opis - CA3126E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Harris Corporation
CA3126 HARRIS-CA3126 Datasheet
117Kb / 9P
   TV Chroma Processor
logo
NTE Electronics
NTE797 NTE-NTE797 Datasheet
78Kb / 3P
   Integrated Circuit TV Chroma Processor
NTE1200 NTE-NTE1200 Datasheet
24Kb / 2P
   Integrated Circuit Color TV Chroma Processor
logo
Intersil Corporation
CA3217 INTERSIL-CA3217 Datasheet
339Kb / 9P
   Single Chip TV Chroma/Luminance Processor
logo
NTE Electronics
NTE1296 NTE-NTE1296 Datasheet
81Kb / 2P
   Integrated Circuit TV Chroma Processor/Demodulator
NTE844 NTE-NTE844 Datasheet
21Kb / 3P
   Integrated Circuit Single Chip TV Chroma/Luminance Processor
logo
Toshiba Semiconductor
TA8801AN TOSHIBA-TA8801AN_01 Datasheet
1Mb / 36P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
logo
List of Unclassifed Man...
ULX-2220A ETC1-ULX-2220A Datasheet
74Kb / 1P
   CHROMA PROCESSOR FOR USE IN PAL COLOR TV RECEIVERS
logo
Toshiba Semiconductor
TA8801AN TOSHIBA-TA8801AN Datasheet
1Mb / 35P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
logo
Motorola, Inc
MC13017 MOTOROLA-MC13017 Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com