Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3127M Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części CA3127M
Szczegółowy opis  High Frequency NPN Transistor Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3127M Arkusz danych(HTML) 4 Page - Intersil Corporation

  CA3127M Datasheet HTML 1Page - Intersil Corporation CA3127M Datasheet HTML 2Page - Intersil Corporation CA3127M Datasheet HTML 3Page - Intersil Corporation CA3127M Datasheet HTML 4Page - Intersil Corporation CA3127M Datasheet HTML 5Page - Intersil Corporation CA3127M Datasheet HTML 6Page - Intersil Corporation CA3127M Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-4
CA3127
Typical Performance Curves
FIGURE 4. NOISE FIGURE vs COLLECTOR CURRENT
FIGURE 5. NOISE FIGURE vs COLLECTOR CURRENT
FIGURE 6. GAIN-BANDWIDTH PRODUCT vs COLLECTOR
CURRENT
FIGURE 7. BASE-TO-EMITTER VOLTAGE vs COLLECTOR
CURRENT
FIGURE 8A. CAPACITANCE vs BIAS VOLTAGE FOR Q2
FIGURE 8B. TYPICAL CAPACITANCE VALUES AT f = 1MHz.
THREE TERMINAL MEASUREMENT. GUARD ALL
TERMINALS EXCEPT THOSE UNDER TEST.
30
20
10
0
0.01
0.1
1.0
COLLECTOR CURRENT (mA)
TA = 25
oC
RSOURCE = 500Ω
f = 10Hz
f = 100Hz
f = 1kHz
f = 10kHz
f = 100kHz
VCE = 6V
30
20
10
0
0.01
0.1
1.0
COLLECTOR CURRENT (mA)
f = 10Hz
f = 100Hz
f = 1kHz
f = 10kHz
f = 100kHz
TA = 25
oC
RSOURCE = 1kΩ
VCE = 6V
TA = 25
oC
VCE = 6V
1.2
1.1
1.0
0.9
0.8
12
3456
7
8
9
10
COLLECTOR CURRENT (mA)
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.1
COLLECTOR CURRENT (mA)
110
TA = 25
oC
TA = -55
oC
TA = 125
oC
BIAS VOLTAGE (V)
2.25
1.25
1.00
0.75
0.50
0.25
01
23
45
6
7
89
10
CCB
CCI
CEB
TA = 25
oC
f = 1MHz
1.50
1.75
2.00
TRAN-
SISTOR
CAPACITANCE (pF)
CCB
CCE
CEB
CCI
PKG TOTAL PKG TOTAL PKG TOTAL PKG TOTAL
BIAS
(V)
-6V-6V-4V-6V
Q1
0.025 0.190 0.090 0.125 0.365 0.610 0.475
1.65
Q2
0.015 0.170 0.225 0.265 0.130 0.360 0.085
1.35
Q3
0.040 0.200 0.215 0.240 0.360 0.625 0.210
1.40
Q4
0.040 0.190 0.225 0.270 0.365 0.610 0.085
1.25
Q5
0.010 0.165 0.095 0.115 0.140 0.365 0.090
1.35
CA3127


Podobny numer części - CA3127M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3127M INTERSIL-CA3127M Datasheet
225Kb / 9P
   High Frequency NPN Transistor Array
logo
Renesas Technology Corp
CA3127M RENESAS-CA3127M Datasheet
455Kb / 9P
   High Frequency NPN Transistor Array
logo
Intersil Corporation
CA3127MZ INTERSIL-CA3127MZ Datasheet
225Kb / 9P
   High Frequency NPN Transistor Array
logo
Renesas Technology Corp
CA3127MZ RENESAS-CA3127MZ Datasheet
455Kb / 9P
   High Frequency NPN Transistor Array
More results

Podobny opis - CA3127M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3127 INTERSIL-CA3127_06 Datasheet
225Kb / 9P
   High Frequency NPN Transistor Array
logo
NEC
UPA102 NEC-UPA102 Datasheet
54Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA103 NEC-UPA103 Datasheet
73Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA104 NEC-UPA104 Datasheet
65Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Renesas Technology Corp
CA3127 RENESAS-CA3127 Datasheet
455Kb / 9P
   High Frequency NPN Transistor Array
logo
NEC
UPA101 NEC-UPA101 Datasheet
63Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Intersil Corporation
HS-6254RH INTERSIL-HS-6254RH Datasheet
31Kb / 3P
   Radiation Hardened Ultra High Frequency NPN Transistor Array
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
   Ultra High Frequency Transistor Array
February 1995
logo
Solid States Devices, I...
SPT3571 SSDI-SPT3571 Datasheet
496Kb / 4P
   HIGH FREQUENCY TRANSISTOR NPN
logo
Samsung semiconductor
MPS5179 SAMSUNG-MPS5179 Datasheet
34Kb / 1P
   NPN (HIGH FREQUENCY TRANSISTOR)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com