Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3193AE Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części CA3193AE
Szczegółowy opis  1.2MHz, BiCMOS Precision Operational Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3193AE Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button CA3193AE Datasheet HTML 3Page - Intersil Corporation CA3193AE Datasheet HTML 4Page - Intersil Corporation CA3193AE Datasheet HTML 5Page - Intersil Corporation CA3193AE Datasheet HTML 6Page - Intersil Corporation CA3193AE Datasheet HTML 7Page - Intersil Corporation CA3193AE Datasheet HTML 8Page - Intersil Corporation CA3193AE Datasheet HTML 9Page - Intersil Corporation CA3193AE Datasheet HTML 10Page - Intersil Corporation CA3193AE Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
68
FIGURE 14. TYPICAL INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 15. TYPICAL INPUT OFFSET CURRENT vs
TEMPERATURE
FIGURE 16. INPUT NOISE VOLTAGE AND CURRENT DENSITY
vs FREQUENCY
FIGURE 17. POWER SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 18. OPEN LOOP GAIN AND PHASE SHIFT RESPONSE
FIGURE 19. OPEN LOOP GAIN vs POWER SUPPLY VOLTAGE
Typical Performance Curves (Continued)
CA3193 (0oC to 70oC)
CA3193A (-25oC to 85oC)
40
30
20
10
0
-50
0
50
100
150
TEMPERATURE (oC)
8
6
4
2
0
-50
0
50
100
150
TEMPERATURE (oC)
CA3193
CA3193A
eN
iN
103
102
101
101
102
103
105
104
FREQUENCY (Hz)
102
10
1
1
0.1
TA = 25
oC
5
4
3
2
1
2
6
10
14
18
POWER SUPPLY VOLTAGE (
±V)
22
TA = -55
oC TO 125oC
AOL
φ
OL
160
80
0
0.1
101
103
107
105
FREQUENCY (Hz)
-100
0
-80
200
-50
50
100
150
120
40
-40
TA = 25
oC
150
140
130
120
110
2610
14
18
POWER SUPPLY VOLTAGE (
±V)
22
TA = 25
oC
CA3193, CA3193A


Podobny numer części - CA3193AE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3194 INTERSIL-CA3194 Datasheet
98Kb / 9P
   Single Chip PAL Luminance/Chroma Processor
May 1997
CA3194E INTERSIL-CA3194E Datasheet
98Kb / 9P
   Single Chip PAL Luminance/Chroma Processor
May 1997
More results

Podobny opis - CA3193AE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Linear Dimensions Semic...
LND-OP28 LINEAR_DIMENSIONS-LND-OP28 Datasheet
151Kb / 1P
   Dual 5A, 44V, BiCMOS Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com