Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7719 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7719
Szczegółowy opis  Low Voltage, Low Power
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7719 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7719_15 Datasheet HTML 6Page - Analog Devices AD7719_15 Datasheet HTML 7Page - Analog Devices AD7719_15 Datasheet HTML 8Page - Analog Devices AD7719_15 Datasheet HTML 9Page - Analog Devices AD7719_15 Datasheet HTML 10Page - Analog Devices AD7719_15 Datasheet HTML 11Page - Analog Devices AD7719_15 Datasheet HTML 12Page - Analog Devices AD7719_15 Datasheet HTML 13Page - Analog Devices AD7719_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
REV. A
AD7719
–10–
PIN FUNCTION DESCRIPTIONS (continued)
Pin No.
Mnemonic
Function
16
P2/SW2
Dual-Purpose Pin. It can act as a general-purpose output (P2) bit referenced between AVDD and AGND
or as a low-side power switch (SW2) to PWRGND.
17
PWRGND
Ground Point for the Low-Side Power Switches SW2 and SW1. PWRGND must be tied to AGND.
18
P1/SW1
Dual-Purpose Pin. It can act as a general-purpose output (P1) bit referenced between AVDD and AGND
or as a low-side power switch (SW1) to PWRGND.
19
RESET
Digital Input Used to Reset the ADC to Its Power-On Reset Status. This pin has a weak pull-up internally
to DVDD.
20
SCLK
Serial Clock Input for Data Transfers to and from the ADC. The SCLK has a Schmitt-triggered input,
making the interface suitable for opto-isolated applications. The serial clock can be continuous with all
data transmitted in a continuous train of pulses. Alternatively, it can be a noncontinuous clock with the
information being transmitted to or from the AD7719 in smaller batches of data. A weak pull-up to DVDD
is provided on the SCLK input.
21
CS
Chip Select Input. This is an active low logic input used to select the AD7719.
CS can be used to select
the AD7719 in systems with more than one device on the serial bus or as a frame synchronization signal in
communicating with the device.
CS can be hardwired low, allowing the AD7719 to be operated in 3-wire
mode with SCLK, DIN, and DOUT used to interface with the device. A weak pull-up to DVDD is provided
on the CS input.
22
RDY
RDY is a logic low status output from the AD7719. RDY is low if either the main ADC or auxiliary ADC
channel has valid data in its data register. This output returns high on completion of a read operation
from the data register. If data is not read,
RDY will return high prior to the next update, indicating to the
user that a read operation should not be initiated. The
RDY pin also returns low following the completion
of a calibration cycle. The
RDY pin is effectively the digital NOR function of the RDY0 and RDY1 bits in
the Status register. If one of the ADCs is disabled, the
RDY pin reflects the active ADC. RDY does not
return high after a calibration until the mode bits are written to, enabling a new conversion or calibration.
Since the
RDY pin provides information on both the main and aux ADCs, when either the main or aux
ADC is disabled, it is recommended to immediately read its data register to ensure that its RDY bit goes
inactive and releases the
RDY pin to indicate output data updates on the remaining active ADC.
23
DOUT
Serial Data Output Accessing the Output Shift Register of the AD7719. The output shift register can
contain data from any of the on-chip data, calibration, or control registers.
24
DIN
Serial Data Input Accessing the Input Shift Register on the AD7719. Data in this shift register is transferred
to the calibration or control registers within the ADC depending on the selection bits of the Communications
register. A weak pull-up to DVDD is provided on the DIN input.
25
DGND
Ground Reference Point for the Digital Circuitry.
26
DVDD
Digital Supply Voltage, 3 V or 5 V Nominal.
27
XTAL2
Output from the 32 kHz Crystal Oscillator Inverter.
28
XTAL1
Input to the 32 kHz Crystal Oscillator Inverter.


Podobny numer części - AD7719_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
   Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
More results

Podobny opis - AD7719_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
HP01-TQ ETC2-HP01-TQ Datasheet
255Kb / 6P
   Low voltage, low power
HP01-JK ETC2-HP01-JK Datasheet
203Kb / 7P
   Low voltage, low power
HP03S ETC2-HP03S Datasheet
200Kb / 7P
   Low voltage, low power consumption
logo
Semtech Corporation
XE8806A SEMTECH-XE8806A Datasheet
894Kb / 143P
   Ultra Low-Power Low-Voltage
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331 Datasheet
218Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
Cirrus Logic
CS3013 CIRRUS-CS3013_09 Datasheet
316Kb / 10P
   Low-power / Low-voltage Precision Amplifier
logo
Diodes Incorporated
AP393A DIODES-AP393A_09 Datasheet
242Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL
AP393A Rev. 7
logo
Cirrus Logic
CS3013_0910 CIRRUS-CS3013_0910 Datasheet
702Kb / 10P
   Low-power / Low-voltage Precision Amplifier
logo
Maxim Integrated Produc...
MAX19527EVKIT MAXIM-MAX19527EVKIT Datasheet
3Mb / 26P
   Low-Voltage and Low-Power Operation
Rev 0; 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com