Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3256E Arkusz danych(PDF) 9 Page - Harris Corporation

Numer części CA3256E
Szczegółowy opis  25MHz, BiMOS Analog Video Switch and Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HARRIS [Harris Corporation]
Strona internetowa  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3256E Arkusz danych(HTML) 9 Page - Harris Corporation

Back Button CA3256E Datasheet HTML 3Page - Harris Corporation CA3256E Datasheet HTML 4Page - Harris Corporation CA3256E Datasheet HTML 5Page - Harris Corporation CA3256E Datasheet HTML 6Page - Harris Corporation CA3256E Datasheet HTML 7Page - Harris Corporation CA3256E Datasheet HTML 8Page - Harris Corporation CA3256E Datasheet HTML 9Page - Harris Corporation CA3256E Datasheet HTML 10Page - Harris Corporation CA3256E Datasheet HTML 11Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
8-9
FIGURE 5. TYPICAL APPLICATION WITH DC-COUPLED INPUT AND OUTPUT, AND OFFSET ADJUST. OUTPUT VOLTAGE IS
FIXED BY THE V+ AND V- RANGE. (DIP PINOUT)
FIGURE 6A. GATED OUTPUT FOR V+ = +12V ENABLE = HIGH, CONTROL B = C = LOW, CONTROL A = 10V PULSE. THE BURST
OUTPUT IS DELAYED
~ 400ns AT tON, tOFF.
FIGURE 6B. STANDARD NTS COLOR BAR
FIGURE 6C. UNIFORM STEP SIGNAL WITH 3.58MHz MODULATION
FIGURE 6. PERFORMANCE OF CIRCUIT IN FIGURE 5
15pF
10K
10K (NOTE)
OFF SET
ADJ.
V-
V+
V+
+
1K
OUTPUT
AMP
10K
10K
GEN
IN 1
V-
1K
BIAS
REG
V- +5V
8
510
75
9
5
15
14
TG-1
V- = -5V
3
4
2
LED
LED
LED
LED
AB
C
ENABLE
GND
2
VLED
1.2K
1.2K
1.2K
1.2K
1
3
6
7
75
12
11
IN 2
IN 3
IN 4
IN 5
17
13
18
10
4
16
LLC
ENABLE
AND
SELECT
CHAN 1-4
TG-2
TG-4
TG-3
TG-5
75
75
75
75
VOUT = 2VP-P
NOTE: Adjust offset for voltage at
pin 9 equal to 0V with no AC signal
and one channel “ON”. Dynamic
clamping may be accomplished by
error current feedback to pin 8.
RF
1
2VP-P
10V
+1
0
-1
10
0
1
µs/DIV.
10
µs/DIV.
10
µs/DIV.
CA3256


Podobny numer części - CA3256E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
CA3251 ETC-CA3251 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252E INTERSIL-CA3252E Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252M INTERSIL-CA3252M Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
More results

Podobny opis - CA3256E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
   DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
   Analog Video Switch
logo
STMicroelectronics
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
   STMAV340 analog video switch
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
New Japan Radio
NJM2223 NJRC-NJM2223 Datasheet
245Kb / 6P
   VIDEO SWITCH WITH 8dB AMPLIFIER
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Renesas Technology Corp
TW9966 RENESAS-TW9966 Datasheet
159Kb / 2P
   4-Channel Analog Video Decoders and Analog Video Encoder for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com