Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3240A Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części CA3240A
Szczegółowy opis  Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3240A Arkusz danych(HTML) 2 Page - Intersil Corporation

  CA3240A Datasheet HTML 1Page - Intersil Corporation CA3240A Datasheet HTML 2Page - Intersil Corporation CA3240A Datasheet HTML 3Page - Intersil Corporation CA3240A Datasheet HTML 4Page - Intersil Corporation CA3240A Datasheet HTML 5Page - Intersil Corporation CA3240A Datasheet HTML 6Page - Intersil Corporation CA3240A Datasheet HTML 7Page - Intersil Corporation CA3240A Datasheet HTML 8Page - Intersil Corporation CA3240A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage (Between V+and V-). .. .. .. .. .. ... .. .. .. . 36V
Differential Input Voltage . .. .. .. .. .. .. .. .. .. .. . . . . . . . . . . 8V
Input Voltage .. .. .. .. ... .. .. .. .. .. .. .. (V++8V) to (V- -0.5V)
Input Current .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. . 1mA
Output Short Circuit Duration (Note 1). .. .. .. .. .. . . . . . Indefinite
Operating Conditions
Temperature Range . . . ... .. .. .. .. .. .. .. .. .. .. -40oCto 85oC
Voltage Range . . . . . . . ... .. .. .. .. .. . 4V to 36V or
±2V to ±18V
Thermal Resistance (Typical, Note 2)
θJA (oC/W)
8 Lead PDIP Package ... .. .. .. .. .. .. .. .. .. ..
100
14 Lead PDIP Package . .. .. .. .. .. .. .. .. .. .. .
100
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range .. .. .. .. .. -65oCto 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Short circuit may be applied to ground or to either supply. Temperatures and/or supply voltages must be limited to keep dissipation within max-
imum rating.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
For Equipment Design, VSUPPLY = ±15V, TA =25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
CA3240
CA3240A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
VIO
-5
15
-
2
5
mV
Input Offset Current
IIO
-
0.5
30
-
0.5
20
pA
Input Current
II
-
10
50
-
10
40
pA
Large-Signal Voltage Gain
(See Figures 13, 28) (Note 3)
AOL
20
100
-
20
100
-
kV/V
86
100
-
86
100
-
dB
Common Mode Rejection
Ratio (SeeFigure18)
CMRR
-
32
320
-
32
320
µV/V
70
90
-
70
90
-
dB
Common Mode Input Voltage Range
(See Figure 25)
VICR
-15
-15.5 to
+12.5
11
-15
-15.5 to
+12.5
12
V
Power Supply Rejection Ratio
(See Figure 20)
PSRR
(
∆VIO/∆V±)
-
100
150
-
100
150
µV/V
76
80
-
76
80
-
dB
Maximum Output Voltage (Note 4)
(See Figures 24, 25)
VOM+
12
13
-
12
13
-
V
VOM-
-14
-14.4
-
-14
-14.4
-
V
Maximum Output Voltage (Note 5)
VOM-
0.4
0.13
-
0.4
0.13
-
V
Total Supply Current
(See Figure 16) For Both Amps
I+
-
8
12
-
8
12
mA
Total Device Dissipation
PD
-
240
360
-
240
360
mW
NOTES:
3. At VO =26VP-P, +12V, -14V and RL =2kΩ.
4. At RL =2kΩ.
5. At V+ = 5V, V- = GND, ISINK =200µA.
Electrical Specifications
For Equipment Design, VSUPPLY = ±15V, TA =25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL VALUES
UNITS
CA3240A
CA3240
Input Offset Voltage Adjustment Resistor (E1
Package Only)
Typical Value of Resistor Between Terminals 4 and 3(5)
or Between 4 and 14(8) to Adjust Maximum VIO
18
4.7
k
Input Resistance
RI
1.5
1.5
T
Input Capacitance
CI
44
pF
Output Resistance
RO
60
60
Equivalent Wideband Input Noise Voltage
(See Figure 2)
eN
BW = 140kHz, RS =1MΩ
48
48
µV
CA3240, CA3240A


Podobny numer części - CA3240A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
CA3240A RENESAS-CA3240A Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240AE INTERSIL-CA3240AE Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AE RENESAS-CA3240AE Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240AEZ INTERSIL-CA3240AEZ Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AEZ RENESAS-CA3240AEZ Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Podobny opis - CA3240A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com