Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7731 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7731
Szczegółowy opis  Low Noise, High Throughput 24-Bit Sigma-Delta ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7731 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7731_15 Datasheet HTML 7Page - Analog Devices AD7731_15 Datasheet HTML 8Page - Analog Devices AD7731_15 Datasheet HTML 9Page - Analog Devices AD7731_15 Datasheet HTML 10Page - Analog Devices AD7731_15 Datasheet HTML 11Page - Analog Devices AD7731_15 Datasheet HTML 12Page - Analog Devices AD7731_15 Datasheet HTML 13Page - Analog Devices AD7731_15 Datasheet HTML 14Page - Analog Devices AD7731_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AD7731
–11–
REV. 0
Output Noise (CHP = 1, SKIP = 0)
Table III shows the output rms noise for some typical output update rates and –3 dB frequencies for the AD7731 when used in
chopping mode (CHP of Filter Register = 1) and with the second filter included in the loop. The numbers are generated with a mas-
ter clock frequency of 4.9152 MHz. These numbers are typical and generated at a differential analog input voltage of 0 V. The out-
put update rate is selected via the SF0 to SF11 bits of the Filter Register. Table IV, meanwhile, shows the output peak-to-peak
resolution in bits (rounded to the nearest 0.5 LSB) for the same output update rates. It is important to note that the numbers in
Table IV represent the resolution for which there will be no code flicker within a six-sigma limit. They are not calculated based on
rms noise but on peak-to-peak noise.
The numbers are generated for the bipolar input ranges. When the part is operated in unipolar mode, the output noise will be the
same as the equivalent bipolar input range. As a result, the numbers in Table III will remain the same for unipolar ranges. To calcu-
late the number for Table IV for unipolar input ranges simply subtract one from the peak-to-peak resolution number in bits.
Table III. Output Noise vs. Input Range and Update Rate (CHP = 1, SKIP = 0)
Typical Output RMS Noise in nV
Output
–3 dB
SF
Settling Time
Input Range
Data Rate Frequency
Word
Normal
Fast Step
1.28 V
640 mV
320 mV
160 mV
80 mV
40 mV
20 mV
50 Hz
1.97 Hz
2048
440 ms
40 ms
700
425
265
170
120
85
55
100 Hz
3.95 Hz
1024
220 ms
20 ms
980
550
330
230
190
115
90
150 Hz
5.92 Hz
683
147 ms
13.3 ms
1230
700
445
270
210
140
100
200 Hz
7.9 Hz
512
110 ms
10 ms
1260
840
500
340
245
170
105
400 Hz
15.8 Hz
256
55 ms
5 ms
2000
1230
690
430
335
215
160
800 Hz
31.6 Hz
128
27.5 ms
2.5 ms
3800
2100
1400
760
590
345
220
Table IV. Peak-to-Peak Resolution vs. Input Range and Update Rate (CHP = 1, SKIP = 0)
Peak-to-Peak Resolution in Bits
Output
–3 dB
SF
Settling Time
Input Range
Data Rate Frequency
Word
Normal
Fast Step
1.28 V
640 mV
320 mV
160 mV
80 mV
40 mV
20 mV
50 Hz
1.97 Hz
2048
440 ms
40 ms
19
19
18.5
18.5
18
17.5
17
100 Hz
3.95 Hz
1024
230 ms
30 ms
19
18.5
18.5
18
17
17
16
150 Hz
5.92 Hz
683
147 ms
13.3 ms
18.5
18
18
17.5
17
16.5
16
200 Hz
7.9 Hz
512
110 ms
10 ms
18.5
18
17.5
17.5
17
16.5
16
400 Hz
15.8 Hz
256
55 ms
5 ms
17.5
17.5
17
17
16.5
16
15.5
800 Hz
31.6 Hz
128
27.5 ms
2.5 ms
17
16.5
16
16
15.5
15
15
ON-CHIP REGISTERS
The AD7731 contains 12 on-chip registers that can be accessed
via the serial port of the part. These registers are summarized in
Figure 4 and in Table V, and described in detail in the following
sections.
RS2 RS1 RS0
REGISTER
SELECT
DECODER
STATUS REGISTER
DATA REGISTER
MODE REGISTER
FILTER REGISTER
OFFSET REGISTER (x3)
GAIN REGISTER (x3)
TEST REGISTER
COMMUNICATIONS REGISTER
DIN
DIN
DIN
DIN
DIN
DIN
DIN
DOUT
DOUT
DOUT
DOUT
DOUT
DOUT
DOUT
DOUT
Figure 4. Register Overview
REV. A


Podobny numer części - AD7731_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7731BN AD-AD7731BN Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
AD7731BN AD-AD7731BN Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731BNZ AD-AD7731BNZ Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731BR AD-AD7731BR Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
AD7731BR AD-AD7731BR Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
More results

Podobny opis - AD7731_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731 Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
AD7739 AD-AD7739 Datasheet
380Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. 0
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com