Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3256M Arkusz danych(PDF) 10 Page - Harris Corporation

Numer części CA3256M
Szczegółowy opis  25MHz, BiMOS Analog Video Switch and Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HARRIS [Harris Corporation]
Strona internetowa  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3256M Arkusz danych(HTML) 10 Page - Harris Corporation

Back Button CA3256M Datasheet HTML 3Page - Harris Corporation CA3256M Datasheet HTML 4Page - Harris Corporation CA3256M Datasheet HTML 5Page - Harris Corporation CA3256M Datasheet HTML 6Page - Harris Corporation CA3256M Datasheet HTML 7Page - Harris Corporation CA3256M Datasheet HTML 8Page - Harris Corporation CA3256M Datasheet HTML 9Page - Harris Corporation CA3256M Datasheet HTML 10Page - Harris Corporation CA3256M Datasheet HTML 11Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
8-10
FIGURE 7A.
FIGURE 7B.
FIGURE 7C.
FIGURE 7D.
FIGURE 7E.
FIGURE 7F.
FIGURE 7G.
FIGURE 7H.
FIGURE 7. OTHER TABULATED RESULTS FOR VARIATIONS OF LOAD AND FEEDBACK (V+ = +12V)
AV = 1.1
BW = 18MHz
VOUT
8
9
1K
7pF
75
75
VOUT = 1VP-P
NOTE: 470
Ω added to increase source drive current.
VOUT
11K
2pF
75
8
9
470
AV = 2
BW = 15MHz
VOUT = 2VP-P
VOUT
8
9
1K
2pF
AV = 1.1
VOUT = 200mVP-P
BW = 40MHz (1.2X GAIN PEAK AT 25MHz)
75
75
8
9
VOUT1
VOUT2
AV = 1.1
BW = 15MHz
BW = 26MHz (UNITY GAIN)
VOUT = 400mVP-P
VOUT1
VOUT2
VOUT = 200mVP-P
AV = 2
BW = 250kHz
VOUT = 200mVP-P
AOL = 30
VOUT
NO FEEDBACK
8
9
150
AV = 3.6
BW = 6MHz
VOUT
30K
7pF
8
9
VOUT = 200mVP-P
AV = 1.1
BW = 28MHz
1K
75
280
8
9
6pF
VOUT = 2VP-P
NOTE: Add RS to reduce high-frequency slewing.
-
+
100K
OFFSET ADJ.
(SETS DC OUT LEVEL)
200K
10K
RS
150
ADJ.
VDC = 5V
9
8
AV = 1.1
BW = 28MHz
VOUT = 2VP-P
CA3256


Podobny numer części - CA3256M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
CA3251 ETC-CA3251 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252E INTERSIL-CA3252E Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252M INTERSIL-CA3252M Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
More results

Podobny opis - CA3256M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
   DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
   Analog Video Switch
logo
STMicroelectronics
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
   STMAV340 analog video switch
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
New Japan Radio
NJM2223 NJRC-NJM2223 Datasheet
245Kb / 6P
   VIDEO SWITCH WITH 8dB AMPLIFIER
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Renesas Technology Corp
TW9966 RENESAS-TW9966 Datasheet
159Kb / 2P
   4-Channel Analog Video Decoders and Analog Video Encoder for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com