Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3280 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części CA3280
Szczegółowy opis  Dual, 9MHz, Operational Transconductance Amplifier (OTA)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3280 Arkusz danych(HTML) 1 Page - Intersil Corporation

  CA3280 Datasheet HTML 1Page - Intersil Corporation CA3280 Datasheet HTML 2Page - Intersil Corporation CA3280 Datasheet HTML 3Page - Intersil Corporation CA3280 Datasheet HTML 4Page - Intersil Corporation CA3280 Datasheet HTML 5Page - Intersil Corporation CA3280 Datasheet HTML 6Page - Intersil Corporation CA3280 Datasheet HTML 7Page - Intersil Corporation CA3280 Datasheet HTML 8Page - Intersil Corporation CA3280 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CA3280, CA3280A
Dual, 9MHz, Operational
Transconductance Amplifier (OTA)
The CA3280 and CA3280A types consist of two variable
operational amplifiers that are designed to substantially reduce
the initial input offset voltage and the offset voltage variation
with respect to changes in programming current. This design
results in reduced “AGC thump,” an objectionable characteristic
of many AGC systems. Interdigitation, or crosscoupling, of
critical portions of the circuit reduces the amplifier dependence
upon thermal and processing variables.
The CA3280 has all the generic characteristics of an
operational voltage amplifier except that the forward transfer
characteristics is best described by transconductance rather
than voltage gain, and the output is current, not voltage. The
magnitude of the output current is equal to the product of
transconductance and the input voltage. This type of
operational transconductance amplifier was first introduced in
1969, and it has since gained wide acceptance as a gateable,
gain controlled building block for instrumentation and audio
applications, such as linearization of transducer outputs,
standardization of widely changing signals for data processing,
multiplexing, instrumentation amplifiers operating from the
nanopower range to high current and high speed comparators.
For additional application information on this device and on
OTAs in general, please refer to Application Notes: AN6818,
AN6668, and AN6077.
Pinout
CA3280
(PDIP, CERDIP)
TOP VIEW
Features
• Low Initial Input Offset Voltage: 500
µV (Max) (CA3280A)
• Low Offset Voltage Change vs IABC: <500µV (Typ)
for All Types
• Low Offset Voltage Drift: 5
µV/oC (Max) (CA3280A)
• Excellent Matching of the Two Amplifiers for All
Characteristics
• Internal Current-Driven Linearizing Diodes Reduce the
External Input Current to an Offset Component
• Flexible Supply Voltage Range. . . . . . . . . . .
±2V to ±15V
Applications
• Voltage Controlled Amplifiers
• Voltage Controlled Oscillators
• Multipliers
• Demodulators
• Sample and Hold
• Instrumentation Amplifiers
• Function Generators
• Triangle Wave-to-Sine Wave Converters
• Comparators
• Audio Preamplifier
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
ID, A1
EMITTER, A1
IABC, A1
V-
NC
IABC, A2
ID, A2
EMITTER, A2
+IN, A1
V+, A1
OUT, A1
OUT, A2
V+, A2
-IN, A2
+IN, A2
-IN, A1
-
+
A1
-
+
A2
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3280AE
-55 to 125
16 Ld PDIP
E16.3
CA3280E
0 to 70
16 Ld PDIP
E16.3
CA3280AF3
-55 to 125
16 Ld CERDIP
F16.3
Data Sheet
September 1998
File Number
1174.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Podobny numer części - CA3280

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280A INTERSIL-CA3280A Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
CA3280AE INTERSIL-CA3280AE Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280AE RENESAS-CA3280AE Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results

Podobny opis - CA3280

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com