Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3306A Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części CA3306A
Szczegółowy opis  6-Bit, 15 MSPS, Flash A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3306A Arkusz danych(HTML) 1 Page - Intersil Corporation

  CA3306A Datasheet HTML 1Page - Intersil Corporation CA3306A Datasheet HTML 2Page - Intersil Corporation CA3306A Datasheet HTML 3Page - Intersil Corporation CA3306A Datasheet HTML 4Page - Intersil Corporation CA3306A Datasheet HTML 5Page - Intersil Corporation CA3306A Datasheet HTML 6Page - Intersil Corporation CA3306A Datasheet HTML 7Page - Intersil Corporation CA3306A Datasheet HTML 8Page - Intersil Corporation CA3306A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
4-8
CA3306, CA3306A,
CA3306C
6-Bit, 15 MSPS,
Flash A/D Converters
August 1997
File Number
3102.1
Features
• CMOS Low Power with Video Speed (Typ) . . . . .70mW
• Parallel Conversion Technique
• Signal Power Supply Voltage . . . . . . . . . . . . 3V to 7.5V
• 15MHz Sampling Rate with Single 5V Supply
• 6-Bit Latched Three-State Output with Overflow Bit
• Pin-for-Pin Retrofit for the CA3300
Applications
• TV Video Digitizing
• Ultrasound Signature Analysis
• Transient Signal Analysis
• High Energy Physics Research
• High Speed Oscilloscope Storage/Display
• General Purpose Hybrid ADCs
• Optical Character Recognition
• Radar Pulse Analysis
• Motion Signature Analysis
• Robot Vision
Description
The CA3306 family are CMOS parallel (FLASH) analog-to-digital
converters designed for applications demanding both low power
consumption and high speed digitization. Digitizing at 15MHz, for
example, requires only about 50mW.
The CA3306 family operates over a wide, full scale signal input volt-
age range of 1V up to the supply voltage. Power consumption is as
low as 15mW, depending upon the clock frequency selected. The
CA3306 types may be directly retrofitted into CA3300 sockets, offer-
ing improved linearity at a lower reference voltage and high operat-
ing speed with a 5V supply.
The intrinsic high conversion rate makes the CA3306 types ideally
suited for digitizing high speed signals. The overflow bit makes pos-
sible the connection of two or more CA3306s in series to increase
the resolution of the conversion system. A series connection of two
CA3306s may be used to produce a 7-bit high speed converter.
Operation of two CA3306s in parallel doubles the conversion speed
(i.e., increases the sampling rate from 15MHz to 30MHz).
Sixty-four paralleled auto balanced comparators measure the input
voltage with respect to a known reference to produce the parallel bit
outputs in the CA3306. Sixty-three comparators are required to
quantize all input voltage levels in this 6-bit converter, and the addi-
tional comparator is required for the overflow bit.
Ordering Information
Pinouts
PART NUMBER LINEARITY (INL, DNL)
SAMPLING RATE
TEMP. RANGE (oC)
PACKAGE
PKG. NO.
CA3306E
±0.5 LSB
15MHz (67ns)
-40 to 85
18 Ld PDIP
E18.3
CA3306CE
±0.5 LSB
10MHz (100ns)
-40 to 85
18 Ld PDIP
E18.3
CA3306M
±0.5 LSB
15MHz (67ns)
-40 to 85
20 Ld SOIC
M20.3
CA3306CM
±0.5 LSB
10MHz (100ns)
-40 to 85
20 Ld SOIC
M20.3
CA3306D
±0.5 LSB
15MHz (67ns)
-55 to 125
18 Ld SBDIP
D18.3
CA3306CD
±0.5 LSB
10MHz (100ns)
-55 to 125
18 Ld SBDIP
D18.3
CA3306J3
±0.5 LSB
15MHz (67ns)
-55 to 125
20 Ld CLCC
J20.B
CA3306J3
±0.5 LSB
10MHz (100ns)
-55 to 125
20 Ld CLCC
J20.B
CA3306 (PDIP, SBDIP)
TOP VIEW
CA3306 (SOIC)
TOP VIEW
CA3306 (CLCC)
TOP VIEW
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
(MSB) B6
OVERFLOW
VSS
VZ
CE2
CLK
CE2
PHASE
VREF+
B5
REF
B3
B2
B4
B1 (LSB)
VDD
VIN
VREF-
CENTER
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
(MSB) B6
OVERFLOW
VSS
NC
VZ
CE2
CLK
CE1
PHASE
VREF+
B5
REF
B3
B2
B4
B1 (LSB)
VDD
NC
VIN
VREF-
CENTER
4
5
6
7
8
910 11 12 13
32
1 20 19
15
14
18
17
16
VSS
VZ
NC
CE2
CE1
REF
B3
B1 (LSB)
VDD
B2
CENTER
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Podobny numer części - CA3306A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3306A INTERSIL-CA3306A Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
More results

Podobny opis - CA3306A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3318 INTERSIL-HI3318 Datasheet
109Kb / 12P
   8-Bit, 15 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
   6-Bit, 140 MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com