Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3306CE Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części CA3306CE
Szczegółowy opis  6-Bit, 15 MSPS, Flash A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3306CE Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button CA3306CE Datasheet HTML 3Page - Intersil Corporation CA3306CE Datasheet HTML 4Page - Intersil Corporation CA3306CE Datasheet HTML 5Page - Intersil Corporation CA3306CE Datasheet HTML 6Page - Intersil Corporation CA3306CE Datasheet HTML 7Page - Intersil Corporation CA3306CE Datasheet HTML 8Page - Intersil Corporation CA3306CE Datasheet HTML 9Page - Intersil Corporation CA3306CE Datasheet HTML 10Page - Intersil Corporation CA3306CE Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
4-14
FIGURE 10. TYPICAL MAXIMUM CLOCK FREQUENCY AS A
FUNCTION OF SUPPLY VOLTAGE
FIGURE 11. DEVICE CURRENT vs SAMPLE FREQUENCY
FIGURE 12. DATA DELAY vs TEMPERATURE
FIGURE 13. ENOB vs TEMPERATURE
FIGURE 14. IDD vs TEMPERATURE
FIGURE 15. NON-LINEARITY vs TEMPERATURE
Typical Performance Curves (Continued)
TA = 25
oC, V
REF+ = VDD
VIN = 0 TO VREF+ SINE WAVE AT fCLK/2
DISSIPATION
LIMITED
8
7
6
5
4
3
SUPPLY VOLTAGE (V)
0
DECODER
LIMITED
25
30
20
15
10
5
10
5
0
fS (MHz)
15
20
11
10
9
8
7
6
5
4
100
75
50
25
0
-50
TEMPERATURE (oC)
-25
15.0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
90
80
TEMPERATURE (oC)
70
60
50
40
30
20
10
0
-10
-20
-30
-40
3.0
6.0
5.7
5.4
5.1
4.8
4.5
4.2
3.9
3.6
3.3
fS = 15MHz, fI = 1MHz
90
80
TEMPERATURE (oC)
70
60
50
40
30
20
10
0
-10
-20
-30
-40
0.0
14.0
12.6
11.2
9.8
8.4
7.0
5.6
4.2
2.8
1.4
90
80
TEMPERATURE (oC)
70
60
50
40
30
20
10
0
-10
-20
-30
-40
0.0
1.00
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
fS = 15MHz
INL
DNL
CA3306, CA3306A, CA3306C


Podobny numer części - CA3306CE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3306CE INTERSIL-CA3306CE Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
More results

Podobny opis - CA3306CE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3318 INTERSIL-HI3318 Datasheet
109Kb / 12P
   8-Bit, 15 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
   6-Bit, 140 MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com