Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA5160E Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części CA5160E
Szczegółowy opis  4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5160E Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button CA5160E Datasheet HTML 7Page - Intersil Corporation CA5160E Datasheet HTML 8Page - Intersil Corporation CA5160E Datasheet HTML 9Page - Intersil Corporation CA5160E Datasheet HTML 10Page - Intersil Corporation CA5160E Datasheet HTML 11Page - Intersil Corporation CA5160E Datasheet HTML 12Page - Intersil Corporation CA5160E Datasheet HTML 13Page - Intersil Corporation CA5160E Datasheet HTML 14Page - Intersil Corporation CA5160E Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
3-11
FIGURE 9. CA5160 VOLTAGE REGULATOR CIRCUIT (0.1 TO 35V AT 1A)
FIGURE 10. VOLTAGE CONTROLLED OSCILLATOR
5
4
1
6
7
8
+
-
2
3
1
2
3
INPUT 40V
+
2.4k
1W
100
µF
25V
CA3086
+
-
+
-
2.2k
5
µF
10
11
2
1
93
5
7
64
12
14
13
0.2
µF
TURN
ON
DELAY
100k
1.5k
1W
1k
62k
-
2N6385
POWER DARLINGTON
SHORT-CIRCUIT CURRENT
LIMIT ADJUSTMENT
1
10k
1k
2N2102
1N914
56pF
43k
10k
-
+
OUTPUT
0V
35V
AT 1A
10k
4.7k
0.01
µF
8.2
k
100
µF
100k
50k
2k
-
Hum and Noise Output <250
µVRMS; Regulation (No Load to Full Load) <0.005%; Input Regulation <0.01%/V
1k
8
4
7
+
-
A1 MULTI-
R5
VIBRATOR
CA5130
2
6
+
-
A2 COM-
PARATOR
CA5160
3
4
1
2
7
6
+15V
100K
R6
100K
C1
500pF
D1
D2
0.1
µF
R1
182K
100K
10K
fo
EAVG = V T2/T1
R3
1M
0.01
µF
1M
R2
10K
VCO CONTROL VOLTAGE (VI)
(0V - 10V)
(SENSITIVITY = 1kHz/V)
C2
0.01
µF
D1 - D5 = 1N914
R4 3K
R7
100K
0.01
µF
D5
T2
T3
V
T1
+15V
D3
D4
+15V
3
5
CA5160


Podobny numer części - CA5160E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
CA5160M96 INTERSIL-CA5160M96 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
More results

Podobny opis - CA5160E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com