Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA11ZE104GAA Arkusz danych(PDF) 3 Page - AVX Corporation

Numer części SA11ZE104GAA
Szczegółowy opis  Axial Leads/SpinGuard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVX [AVX Corporation]
Strona internetowa  http://www.avx.com
Logo AVX - AVX Corporation

SA11ZE104GAA Arkusz danych(HTML) 3 Page - AVX Corporation

  SA11ZE104GAA Datasheet HTML 1Page - AVX Corporation SA11ZE104GAA Datasheet HTML 2Page - AVX Corporation SA11ZE104GAA Datasheet HTML 3Page - AVX Corporation SA11ZE104GAA Datasheet HTML 4Page - AVX Corporation SA11ZE104GAA Datasheet HTML 5Page - AVX Corporation SA11ZE104GAA Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
39
Axial Leads/SpinGuard®
X7R Dielectric
= Industry preferred values
For other tolerances see Part No. Codes
For other voltages see Part No. Codes
AVX Style
AVX Style
SA05
SA10
SA11
SA20
SA30
SA40
Length
3.00
4.32
4.32
6.60
7.37
10.16
(L)
(.118")
(.170")
(.170")
(.260")
(.290")
(.400")
Diameter
2.30
2.54
3.05
2.54
3.81
3.81
(D)
(.090")
(.100")
(.120")
(.100")
(.150")
(.150")
Lead
.445
.445
.445
.445
.445
.445
Diameter
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
Lead
25.4
25.4
25.4
25.4
25.4
25.4
Length
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
200 100
50
200
100
50
100
50
100
50
100
50
100
50
220
SA102C221KAR
270
SA102C271KAR
330
SA102C331KAR
390
SA102C391KAR
470
SA102C471KAR
560
SA101C561KAR
680
SA101C681KAR
820
SA101C821KAR
1000
SA101C102KAR
1200
SA101C122KAR
1500
SA101C152KAR
1800
SA101C182KAR
2200
SA101C222KAR
2700
SA101C272KAR
3300
SA101C332KAR
3900
SA101C392KAR
4700
SA101C472KAR
5600
SA101C562KAR
6800
SA101C682KAR
8200
SA105C822KAR
10,000
SA105C103KAR
12,000
SA105C123KAR
15,000
SA105C153KAR
18,000
SA105C183KAR
22,000
SA105C223KAR
27,000
SA105C273KAR
33,000
SA105C333KAR
39,000
SA105C393KAR
47,000
SA105C473KAR
56,000
SA115C563KAR
68,000
SA115C683KAR
82,000
SA115C823KAR
100,000
SA115C104KAR
120,000
SA305C124KAR
150,000
SA305C154KAR
180,000
SA305C184KAR
220,000
SA305C224KAR
270,000
SA305C274KAR
330,000
SA305C334KAR
470,000
SA405C474KAR
Dimensions: Millimeters (Inches)
SIZE AND CAPACITANCE SPECIFICATIONS


Podobny numer części - SA11ZE104GAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdiode Electronics ...
SA11 CHENDA-SA11 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA11 PANJIT-SA11 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA11 FCI-SA11 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA11 TSC-SA11 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Chongqing Pingwei Enter...
SA11 CHONGQING-SA11 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Podobny opis - SA11ZE104GAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
AA101C103K4R AVX-AA101C103K4R Datasheet
481Kb / 3P
   Axial Leads/SpinGuard
SA101A101JAR AVX-SA101A101JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C102JAR AVX-SA101C102JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101A471JAR AVX-SA101A471JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA102A470JAA AVX-SA102A470JAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C472KAA AVX-SA101C472KAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA115C104KARC AVX-SA115C104KARC Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA111E104MAR AVX-SA111E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C103MAR AVX-SA105C103MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105E104MAR AVX-SA105E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com