Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD22102E Arkusz danych(PDF) 7 Page - Harris Corporation

Numer części CD22102E
Szczegółowy opis  CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HARRIS [Harris Corporation]
Strona internetowa  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22102E Arkusz danych(HTML) 7 Page - Harris Corporation

Back Button CD22102E Datasheet HTML 3Page - Harris Corporation CD22102E Datasheet HTML 4Page - Harris Corporation CD22102E Datasheet HTML 5Page - Harris Corporation CD22102E Datasheet HTML 6Page - Harris Corporation CD22102E Datasheet HTML 7Page - Harris Corporation CD22102E Datasheet HTML 8Page - Harris Corporation CD22102E Datasheet HTML 9Page - Harris Corporation CD22102E Datasheet HTML 10Page - Harris Corporation CD22102E Datasheet HTML 11Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
4-199
CD22101, CD22102
Metallization Mask Layout
CONTROL TRUTH TABLE FOR CD22101
FUNCTION
ADDRESS
STROBE
DATA
SELECT
ABCD
Switch ON
1111
1
1
15 (X4Y4) and 15’ (X4’Y4’)
Switch OFF
1111
1
0
15 (X4Y4) and 15’ (X4’Y4’)
No Change
XXXX
0
X
X X X X
1 = High Level
0 = Low Level
X = Don’t Care
CONTROL TRUTH TABLE FOR CD22102
FUNCTION
ADDRESS
KA
KB
SELECT
ABCD
Switch ON
1111
1
0
15 (X4Y4) and 15’ (X4’Y4’)
Switch OFF
1111
0
1
15 (X4Y4) and 15’ (X4’Y4’)
All Switches
OFF (Note 5)
XXXX
1
1
All
No Change
XXXX
0
0
X X X X
1 = High Level
0 = Low Level
X = Don’t Care
NOTE:
5.
In the event that KA and KB are changed from levels 1, 1 to 0, 0 KB should not be allowed to go to 0 before KA,
otherwise a switch which was off will inadvertently be turned on.
Dimensions in parenthesis are in millimeters and are derived
from the basic inch dimensions as indicated. Grid graduations
are in mils (10-3 inch).


Podobny numer części - CD22102E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100E INTERSIL-CD22100E Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100E HARRIS-CD22100E Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100F INTERSIL-CD22100F Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
More results

Podobny opis - CD22102E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
   4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
   WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
   CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
   CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
Mitsubishi Electric Sem...
M66260FP MITSUBISHI-M66260FP Datasheet
126Kb / 6P
   8 x 4 CROSSPOINT SWITCH with MIXING FUNCTION
logo
Texas Instruments
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
[Old version datasheet]   1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
logo
Intersil Corporation
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
   QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com