Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD22402E Arkusz danych(PDF) 7 Page - Harris Corporation

Numer części CD22402E
Szczegółowy opis  Sync Generator for TV Applications and Video Processing Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HARRIS [Harris Corporation]
Strona internetowa  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22402E Arkusz danych(HTML) 7 Page - Harris Corporation

Back Button CD22402E Datasheet HTML 3Page - Harris Corporation CD22402E Datasheet HTML 4Page - Harris Corporation CD22402E Datasheet HTML 5Page - Harris Corporation CD22402E Datasheet HTML 6Page - Harris Corporation CD22402E Datasheet HTML 7Page - Harris Corporation CD22402E Datasheet HTML 8Page - Harris Corporation CD22402E Datasheet HTML 9Page - Harris Corporation CD22402E Datasheet HTML 10Page - Harris Corporation CD22402E Datasheet HTML 11Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
8-46
FIGURE 4. SYNC GENERATOR TIMING - 625/50Hz, HORIZONTAL TIMING WAVEFORMS
FIGURE 5. SYNC GENERATOR TIMING - 625/50Hz, VERTICAL TIMING WAVEFORMS
Timing Waveforms (Continued)
MICROSECONDS
500kHz
OSC. PIN 2 OR 6
MIXED BLANKING
PIN 13
HORIZ. DRIVE PIN 4
CATHODE
BLANKING
PIN 7
HORIZ. CLAMP
PIN 11
MIXED SYNC
PIN 5
EQUALIZING
PULSE
H. SYNC
02
4
6
8
10
12
2
µs
2
µs
V. SYNC
2
µs
28
32
4
µs
12
µs
26
µs
4
µs
8
µs
4
µs
VERTICAL RESET TO
FIRST EQUALIZING
PULSE
VERTICAL RESET
TO FIRST
VERTICAL PULSE
LINE NO
MIXED SYNC
PIN 5
VERT. DRIVE
PIN 9
VERTICAL
PROCESSING
BLANKING
PIN 17
WIDE BLANKING
PIN 13
SHORT VERTICAL
DRIVE PIN 16
CATHODE
BLANKING
PIN 7
FRAME SYNC
PIN 15
(ON ALTERNATE FIELDS)
0.57ms
2
µs (NOT TO SCALE)
0.194ms
0
1
2
3
4
5
6
7
8
9
10
21
1.36ms
CD22402


Podobny numer części - CD22402E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CD22402 ETC2-CD22402 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Podobny opis - CD22402E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE7049 NTE-NTE7049 Datasheet
30Kb / 3P
   Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems
logo
Toshiba Semiconductor
TA8845BN TOSHIBA-TA8845BN Datasheet
2Mb / 69P
   BUS CONTROL VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR TV
logo
Hitachi Semiconductor
HD44007A HITACHI-HD44007A Datasheet
724Kb / 14P
   SYNC SIGNAL GENERATOR FOR TV CAMERAS
HD440072 HITACHI-HD440072 Datasheet
813Kb / 15P
   SYNC SIGNAL GENERATOR FOR TV CAMERAS
logo
National Semiconductor ...
MM5321 NSC-MM5321 Datasheet
307Kb / 6P
   TV camera sync generator
logo
List of Unclassifed Man...
MM5321 ETC-MM5321 Datasheet
434Kb / 4P
   TV CAMERA SYNC GENERATOR
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com