Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7769 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7769
Szczegółowy opis  Analog I/O Port
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7769 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7769_15 Datasheet HTML 6Page - Analog Devices AD7769_15 Datasheet HTML 7Page - Analog Devices AD7769_15 Datasheet HTML 8Page - Analog Devices AD7769_15 Datasheet HTML 9Page - Analog Devices AD7769_15 Datasheet HTML 10Page - Analog Devices AD7769_15 Datasheet HTML 11Page - Analog Devices AD7769_15 Datasheet HTML 12Page - Analog Devices AD7769_15 Datasheet HTML 13Page - Analog Devices AD7769_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7769
–10–
REV. A
3. If
RD is held low but CS is taken high during the conversion,
the device will be de-selected and DB0–DB7 will revert to
their high impedance state. This will not affect completion of
the conversion, but the data cannot be read, or any other
operation performed, until
CS is taken low again.
4. Note that the state of
RD should not be changed during a
conversion.
Figure 11. Timing for ADC Channel Select and Conversion
Start
Figure 12. Timing for ADC Data Read
Figure 13. Timing for DAC Channel Select and Data Write
DIGITAL SIGNAL PROCESSING APPLICATIONS
In Digital Signal Processing (DSP) application areas like voice
recognition, echo cancellation and adaptive filtering, the dy-
namic characteristics (SNR, Harmonic Distortion, Intermodula-
tion Distortion) of both the ADC and DACs are critical. The
AD7769 is specified dynamically as well as with standard dc
specifications. Because the track/hold amplifier has a wide band-
width, an antialiasing filter should be placed on the VINA and
VINB inputs to avoid aliasing of high frequency noise back into
the bands of interest.
The dynamic performance of the ADC is evaluated by applying
a sine wave signal of very low distortion to the VINA or VINB
input which is sampled at a 409.6 kHz sampling rate. A Fast
Fourier Transform (FFT) plot or Histogram plot is then gener-
ated from which SNR, harmonic distortion and dynamic differ-
ential nonlinearity data can be obtained. For the DACs, the
codes for an ideal sine wave are stored in PROM and loaded
down to the DAC. The output spectrum is analyzed, using a
spectrum analyzer to evaluate SNR and harmonic distortion
performance. Similarly, for intermodulation distortion, an input
(either to VIN or DAC code) consisting of pure sine waves at
two frequencies is applied to the AD7769.
Figure 14 shows a 2048 point FFT plot of the ADC with an in-
put signal of 130 kHz. The SNR is 49.2 dB. It can be seen that
most of the harmonics are buried in the noise floor. It should be
noted that the harmonics are taken into account when calculat-
ing the SNR. The relationship between SNR and resolution (N)
is expressed by the following equation:
SNR = (6.02N + 1.76) dB
Figure 14. ADC FFT Plot


Podobny numer części - AD7769_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7769AN AD-AD7769AN Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7769AP AD-AD7769AP Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7769JN AD-AD7769JN Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7769JP AD-AD7769JP Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
More results

Podobny opis - AD7769_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7769 AD-AD7769 Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7774 AD-AD7774_15 Datasheet
1Mb / 16P
   LC MOS ANALOG I/O PORT
REV. A
AD15700 AD-AD15700 Datasheet
1Mb / 44P
   1 MSPS 16-/14-Bit Analog I/O Port
REV. A
AD5590 AD-AD5590 Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
logo
ADL Embedded Solutions
104-DIO24E ADL-104-DIO24E Datasheet
97Kb / 2P
   PC/104-Analog I/O Board
logo
CML Microcircuits
MX839 CMLMICRO-MX839 Datasheet
169Kb / 20P
   Digitally Controlled Analog I/O Processor
logo
Analog Devices
AD5590 AD-AD5590_17 Datasheet
1Mb / 45P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
logo
List of Unclassifed Man...
MX839 ETC-MX839 Datasheet
165Kb / 20P
   Digitally Controlled Analog I/O Processor
logo
Red Lion Controls. Inc
ET-16AI2 REDLION-ET-16AI2 Datasheet
462Kb / 1P
   Ethernet I/O Module ??Analog Inputs
logo
Advantech Co., Ltd.
ADAM-6717 ADVANTECH-ADAM-6717 Datasheet
226Kb / 1P
   Intelligent I/O Gateway with Analog Input
26-Nov-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com