Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4008BMS Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części CD4008BMS
Szczegółowy opis  CMOS 4-Bit Full Adder With Parallel Carry Out
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4008BMS Arkusz danych(HTML) 1 Page - Intersil Corporation

  CD4008BMS Datasheet HTML 1Page - Intersil Corporation CD4008BMS Datasheet HTML 2Page - Intersil Corporation CD4008BMS Datasheet HTML 3Page - Intersil Corporation CD4008BMS Datasheet HTML 4Page - Intersil Corporation CD4008BMS Datasheet HTML 5Page - Intersil Corporation CD4008BMS Datasheet HTML 6Page - Intersil Corporation CD4008BMS Datasheet HTML 7Page - Intersil Corporation CD4008BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-675
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4008BMS
CMOS 4-Bit Full Adder With
Parallel Carry Out
Pinout
CD4008BMS
TOP VIEW
Logic Diagram
TRUTH TABLE
Ai
Bi
Ci
CO
SUM
0
1
0
1
0
1
0
1
0
0
1
1
0
0
1
1
0
0
0
0
1
1
1
1
0
0
0
1
0
1
1
1
0
1
1
0
1
0
0
1
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A4
B3
A3
B2
A2
B1
VSS
A1
VDD
CO
S4
S3
S2
S1
C1
B4
SUM
SUM
SUM
SUM
HIGH SPEED
PAR CARRY
(CARRY-OUT)
*
*
*
*
*
*
*
*
*
15
1
2
3
4
5
6
7
9
B4
A4
B3
A3
B2
A2
B1
A1
C1
CO
S4
S3
S2
S1
14
13
12
11
10
(CARRY-IN)
C4
C3
C2
VDD
VSS
VDD = 16
VSS = 8
*ALL INPUTS ARE PROTECTED
BY CMOS PROTECTION
NETWORK
Features
• High-Voltage Type (20V Rating)
• 4 Sum Outputs Plus Parallel Look-ahead Carry-Output
• High-Speed Operation - Sum In-To-Sum Out, 160ns
Typ; Carry In-To-Carry Out, 5ns Typ. At VDD = 10V,
CL=50pF
• Standardized Symmetrical Output Characteristics
• 100% Tested For Quiescent Current At 20V
• Maximum Input Current of 1
µa at 18V Over Full Pack-
age-Temperature Range;
- 100nA at 18V and 25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Binary Addition/Arithmetic Units
Description
CD4008BMS types consist of four full adder stages with fast
look ahead carry provision from stage to stage. Circuitry is
included to provide a fast “parallel-carry-out” but to permit
high-speed operation in arithmetic sections using several
CD4008BMS’s.
CD4008BMS inputs include the four sets of bits to be added,
A1 to A4 and B1 to B4, in addition to the “Carry In” bit from a
previous section. CD4008BMS outputs include the four sum
bits, S1 to S4. In addition to the high speed “parallel-carry-
out” which may be utilized at a succeeding CD4008BMS
section.
The CD4008BMS is supplied in these 16-lead outline pack-
ages:
Braze Seal DIP
H4T
Frit Seal DIP
H1F
Ceramic Flatpack H6W
November 1994
File Number
3292


Podobny numer części - CD4008BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4008BM NSC-CD4008BM Datasheet
124Kb / 6P
   4-Bit Full Adder
More results

Podobny opis - CD4008BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
HCC4008B STMICROELECTRONICS-HCC4008B Datasheet
292Kb / 13P
   4-BIT FULL ADDER WITH PARALLEL CARRY OUTPUT
logo
NXP Semiconductors
74HC583 PHILIPS-74HC583 Datasheet
70Kb / 13P
   4-bit full adder with fast carry
1998 Mar 31
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com