Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD40181 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części CD40181
Szczegółowy opis  CMOS 4 Bit Arithmetic Logic Unit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40181 Arkusz danych(HTML) 4 Page - Intersil Corporation

  CD40181 Datasheet HTML 1Page - Intersil Corporation CD40181 Datasheet HTML 2Page - Intersil Corporation CD40181 Datasheet HTML 3Page - Intersil Corporation CD40181 Datasheet HTML 4Page - Intersil Corporation CD40181 Datasheet HTML 5Page - Intersil Corporation CD40181 Datasheet HTML 6Page - Intersil Corporation CD40181 Datasheet HTML 7Page - Intersil Corporation CD40181 Datasheet HTML 8Page - Intersil Corporation CD40181 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
7-1403
Specifications CD40181BMS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS (NOTE 1, 2)
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
A or B to F (Logic Mode),
A or B to G or P
TPHL1
TPLH1
VDD = 5V, VIN = VDD or GND
9
+25oC
-
800
ns
10, 11
+125oC, -55oC
-
1080
ns
Propagation Delay
A or B to F, Cn+4, or A =
B
TPHL2
TPLH2
VDD = 5V, VIN = VDD or GND
9
+25oC
-
1000
ns
10, 11
+125oC, -55oC
-
1350
ns
Propagation Delay
Cn to F
TPHL3
TPLH3
VDD = 5V, VIN = VDD or GND
9
+25oC
-
640
ns
10, 11
+125oC, -55oC
-
864
ns
Propagation Delay
Cn to Cn+4
TPHL4
TPLH4
VDD = 5V, VIN = VDD or GND
9
+25oC
-
400
ns
10, 11
+125oC, -55oC
-
540
ns
Transition Time
TTHL
TTLH
VDD = 5V, VIN = VDD or GND
9
+25oC
-
200
ns
10, 11
+125oC, -55oC
-
270
ns
NOTES:
1. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
2. -55oC and +125oC limits guaranteed, 100% testing being implemented.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 5V, VIN = VDD or GND
1, 2
-55oC, +25oC-
5
µA
+125oC
-
150
µA
VDD = 10V, VIN = VDD or GND
1, 2
-55oC, +25oC-
10
µA
+125oC
-
300
µA
VDD = 15V, VIN = VDD or GND
1, 2
-55oC, +25oC-
10
µA
+125oC
-
600
µA
Output Voltage
VOL
VDD = 5V, No Load
1, 2
+25oC, +125oC,
-55oC
-50
mV
Output Voltage
VOL
VDD = 10V, No Load
1, 2
+25oC, +125oC,
-55oC
-50
mV
Output Voltage
VOH
VDD = 5V, No Load
1, 2
+25oC, +125oC,
-55oC
4.95
-
V
Output Voltage
VOH
VDD = 10V, No Load
1, 2
+25oC, +125oC,
-55oC
9.95
-
V
Output Current (Sink)
IOL5
VDD = 5V, VOUT = 0.4V
1, 2
+125oC
0.36
-
mA
-55oC
0.64
-
mA
Output Current (Sink)
IOL10
VDD = 10V, VOUT = 0.5V
1, 2
+125oC
0.9
-
mA
-55oC
1.6
-
mA
Output Current (Sink)
IOL15
VDD = 15V, VOUT = 1.5V
1, 2
+125oC
2.4
-
mA
-55oC
4.2
-
mA
Output Current (Source)
IOH5A
VDD = 5V, VOUT = 4.6V
1, 2
+125oC
-
-0.36
mA
-55oC
-
-0.64
mA
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1, 2
+125oC
-
-1.15
mA
-55oC
-
-2.0
mA
Output Current (Source)
IOH10
VDD = 10V, VOUT = 9.5V
1, 2
+125oC
-
-0.9
mA
-55oC
-
-1.6
mA
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-2.4
mA
-55oC
-
-4.2
mA


Podobny numer części - CD40181

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4018 TI-CD4018 Datasheet
245Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE DIVIDE-BY-N COUNTER
logo
Intersil Corporation
CD4018 INTERSIL-CD4018 Datasheet
140Kb / 9P
   CMOS Look-Ahead Carry Generator
December 1992
CD40182 INTERSIL-CD40182 Datasheet
140Kb / 9P
   CMOS Look-Ahead Carry Generator
December 1992
CD40182BMS INTERSIL-CD40182BMS Datasheet
140Kb / 9P
   CMOS Look-Ahead Carry Generator
December 1992
logo
Texas Instruments
CD4018B TI-CD4018B Datasheet
245Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE DIVIDE-BY-N COUNTER
More results

Podobny opis - CD40181

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
   4-BIT ARITHMETIC LOGIC UNIT
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
   4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com