Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD40257BMS Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części CD40257BMS
Szczegółowy opis  CMOS Quad 2 Line to 1 Line Data Selector/Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40257BMS Arkusz danych(HTML) 8 Page - Intersil Corporation

  CD40257BMS Datasheet HTML 1Page - Intersil Corporation CD40257BMS Datasheet HTML 2Page - Intersil Corporation CD40257BMS Datasheet HTML 3Page - Intersil Corporation CD40257BMS Datasheet HTML 4Page - Intersil Corporation CD40257BMS Datasheet HTML 5Page - Intersil Corporation CD40257BMS Datasheet HTML 6Page - Intersil Corporation CD40257BMS Datasheet HTML 7Page - Intersil Corporation CD40257BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
1449
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
CD40257BMS
Chip Dimensions and Pad Layout
Dimensions in parenthesis are in millimeters and are
derived from the basic inch dimensions as indicated.
Grid graduations are in mils (10-3 inch).
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches


Podobny numer części - CD40257BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD40257BM TI1-CD40257BM Datasheet
421Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Date Selector/Multi plexer
CD40257BM TI1-CD40257BM Datasheet
448Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Data Selector /Multiflexer
CD40257BME4 TI1-CD40257BME4 Datasheet
421Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Date Selector/Multi plexer
CD40257BMG4 TI1-CD40257BMG4 Datasheet
421Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Date Selector/Multi plexer
CD40257BMG4 TI1-CD40257BMG4 Datasheet
448Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Data Selector /Multiflexer
More results

Podobny opis - CD40257BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD40257B TI-CD40257B Datasheet
182Kb / 4P
[Old version datasheet]   CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
STMicroelectronics
HCC40257B STMICROELECTRONICS-HCC40257B Datasheet
267Kb / 11P
   QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
CD40257B TI1-CD40257B_14 Datasheet
448Kb / 10P
[Old version datasheet]   CMOS Quad 2-Line-to-1-Line Data Selector /Multiflexer
logo
Fairchild Semiconductor
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74ALS157 FAIRCHILD-DM74ALS157 Datasheet
67Kb / 6P
   Quad 1-of-2 Line Data Selector/Multiplexer
DM74AS157 FAIRCHILD-DM74AS157 Datasheet
72Kb / 7P
   Quad 1 of 2 Line Data Selector/Multiplexer
logo
Texas Instruments
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157 TI1-SN74LVC2G157_15 Datasheet
916Kb / 22P
[Old version datasheet]   Single 2-Line to 1-Line Data Selector Multiplexer
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com