Zakładka z wyszukiwarką danych komponentów |
|
AD7858 Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD7858 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 32 page Parameter A Version 1 B Version 1 Units Test Conditions/Comments DYNAMIC PERFORMANCE AVDD, DVDD +3.0/+5.5 +3.0/+5.5 V min/max IDD Normal Mode 5 6 (1.9) 6 (1.9) mA max AVDD = DVDD = 4.5 V to 5.5 V. Typically 4.5 mA (1.5) 5.5 (1.9) 5.5 (1.9) mA max AVDD = DVDD = 3.0 V to 3.6 V. Typically 4.0 mA (1.5 mA) Sleep Mode 6 With External Clock On 10 10 µA typ Full Power-Down. Power Management Bits in Control Register Set as PMGT1 = 1, PMGT0 = 0 400 400 µA typ Partial Power-Down. Power Management Bits in Control Register Set as PMGT1 = 1, PMGT0 = 1 With External Clock Off 5 5 µA max Typically 1 µA. Full Power-Down. Power Management Bits in Control Register Set as PMGT1 = 1, PMGT0 = 0 200 200 µA typ Partial Power-Down. Power Management Bits in Control Register Set as PMGT1 = 1, PMGT0 = 1 Normal-Mode Power Dissipation 33 (10.5) 33 (10.5) mW max VDD = 5.5 V. Typically 25 mW (8); SLEEP = VDD 20 (6.85) 20 (6.85) mW max VDD = 3.6 V. Typically 15 mW (5.4); SLEEP = VDD Sleep Mode Power Dissipation With External Clock On 55 55 µW typ VDD = 5.5 V. SLEEP = 0 V 36 36 µW typ VDD = 3.6 V. SLEEP = 0 V With External Clock Off 27.5 27.5 µW max VDD = 5.5 V. Typically 5.5 µW; SLEEP = 0 V 18 18 µW max VDD = 3.6 V. Typically 3.6 µW; SLEEP = 0 V SYSTEM CALIBRATION Offset Calibration Span 7 +0.05 × V REF/–0.05 × V REF V max/min Allowable Offset Voltage Span for Calibration Gain Calibration Span 7 +1.025 × VREF/–0.975 × VREF V max/min Allowable Full-Scale Voltage Span for Calibration NOTES 1Temperature ranges as follows: A, B Versions: –40 °C to +85°C. For L Versions, A and B Versions fCLKIN = 1 MHz over –40°C to +85°C temperature range, B Version fCLKIN = 1.8 MHz over 0 °C to +70°C temperature range. 2Specifications apply after calibration. 3SNR calculation includes distortion and noise components. 4Sample tested @ +25 °C to ensure compliance. 5All digital inputs @ DGND except for CONVST, SLEEP, CAL, and SYNC @ DV DD. No load on the digital outputs. Analog inputs @ AGND. 6CLKIN @ DGND when external clock off. All digital inputs @ DGND except for CONVST, SLEEP, CAL, and SYNC @ DV DD. No load on the digital outputs. Analog inputs @ AGND. 7The Offset and Gain Calibration Spans are defined as the range of offset and gain errors that the AD7858/AD7858L can calibrate. Note also that these are voltage spans and are not absolute voltages ( i.e., the allowable system offset voltage presented at AIN(+) for the system offset error to be adjusted out will be AIN(–) ± 0.05 × V REF, and the allowable system full-scale voltage applied between AIN(+) and AIN(–) for the system full-scale voltage error to be adjusted out will be VREF ± 0.025 × V REF). This is explained in more detail in the Calibration sect ion of the data sheet. Specifications subject to change without notice. AD7858/AD7858L REV. B –3– |
Podobny numer części - AD7858_15 |
|
Podobny opis - AD7858_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |