Zakładka z wyszukiwarką danych komponentów |
|
AD7864 Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD7864 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 28 page AD7864 Rev. D | Page 6 of 28 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating AVDD to AGND −0.3 V to +7 V DVDD to DGND −0.3 V to +7 V AGND to DGND −0.3 V to +0.3 V AVDD to DVDD −0.3 V to +0.3 V Analog Input Voltage to AGND AD7864-1 (±10 V Input Range) ±20 V AD7864-1 (±5 V Input Range) −7 V to +20 V AD7864-3 −7 V to +20 V AD7864-2 −1 V to +20 V Reference Input Voltage to AGND −0.3 V to VDD + 0.3 V Digital Input Voltage to DGND −0.3 V to VDD + 0.3 V Digital Output Voltage to DGND −0.3 V to VDD + 0.3 V VDRIVE to AGND −0.3 V to AVDD + 0.3 V VDRIVE to DGND −0.3 V to DVDD + 0.3 V Operating Temperature Range Commercial (A and B Versions) −40°C to +85°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C MQFP Package, Power Dissipation 450 mW θJA Thermal Impedance 95°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Podobny numer części - AD7864_15 |
|
Podobny opis - AD7864_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |