Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4051BMS Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części CD4051BMS
Szczegółowy opis  CMOS Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4051BMS Arkusz danych(HTML) 5 Page - Intersil Corporation

  CD4051BMS Datasheet HTML 1Page - Intersil Corporation CD4051BMS Datasheet HTML 2Page - Intersil Corporation CD4051BMS Datasheet HTML 3Page - Intersil Corporation CD4051BMS Datasheet HTML 4Page - Intersil Corporation CD4051BMS Datasheet HTML 5Page - Intersil Corporation CD4051BMS Datasheet HTML 6Page - Intersil Corporation CD4051BMS Datasheet HTML 7Page - Intersil Corporation CD4051BMS Datasheet HTML 8Page - Intersil Corporation CD4051BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
7-941
Specifications CD4051BMS, CD4052BMS, CD4053BMS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS (Notes 1, 2)
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
(Note 1)
Address to Signal Out
Channels On or Off
TPHL
TPLH
VDD = 5V, VIN = VDD or GND
VEE = VSS = 0V
9
+25oC
-
720
ns
10, 11
+125oC, -55oC
-
972
ns
Propagation Delay
(Note 1)
Inhibit to Signal Out
(Channel Turning On)
TPZH
TPZL
VDD = 5V, VIN = VDD or GND
VEE = VSS = 0V
9
+25oC
-
720
ns
10, 11
+125oC, -55oC
-
972
ns
Propagation Delay
(Note 1)
Inhibit to Signal Out
(Channel Turning Off)
TPHZ
TPLZ
VDD = 5V, VIN = VDD or GND
VEE = VSS = 0V
9
+25oC
-
450
ns
10, 11
+125oC, -55oC
-
608
ns
NOTES:
1. -55oC and +125oC limits guaranteed, 100% testing being implemented.
2. CL = 50pF, RL = 10K
Ω, Input TR, TF < 20ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 5V, VIN = VDD or GND
1, 2
-55oC, +25oC-
5
µA
+125oC
-
150
µA
VDD = 10V, VIN = VDD or GND
1, 2
-55oC, +25oC-
10
µA
+125oC
-
300
µA
VDD = 15V, VIN = VDD or GND
1, 2
-55oC, +25oC-
10
µA
+125oC
-
600
µA
Input Voltage Low
VIL
VDD = VIS = 10V, VEE = VSS
RL = 1K to VSS
|IIS|, 2
µA On/Off Channel
1, 2
+25oC, +125oC,
-55oC
-3
V
Input Voltage High
VIH
1, 2
+25oC, +125oC,
-55oC
+7
-
V
Propagation Delay
Address to Signal Out
(Channels On or Off)
TPHL
TPLH
VDD = 10V
VEE = VSS = 0V
1, 2, 3
+25oC
-
320
ns
VDD = 15V
1, 2, 3
+25oC
-
240
ns
VDD = 5V
VEE = -5V
1, 2, 3
+25oC
-
450
ns
Propagation Delay
Inhibit to Signal Out
(Channel Turning On)
TPZH
TPZL
VDD = 10V
VEE = VSS = 0V
1, 2, 3
+25oC
-
320
ns
VDD = 15V
1, 2, 3
+25oC
-
240
ns
VDD = 5V
VEE = -10V
1, 2, 3
+25oC
-
400
ns
Propagation Delay
Inhibit to Signal Out
(Channel Turning Off)
TPHZ
TPLZ
VDD = 10V
VEE = VSS = 0V
1, 2, 3
+25oC
-
210
ns
VDD = 15V
1, 2, 3
+25oC
-
160
ns
VDD = 5V
VEE = -15V
1, 2, 3
+25oC
-
300
ns
Input Capacitance
CIN
Any Address or Inhibit Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are char-
acterized on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 10K, Input TR, TF < 20ns.


Podobny numer części - CD4051BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
More results

Podobny opis - CD4051BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067B TI-CD4067B Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com