Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7894 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD7894
Szczegółowy opis  5 V, 14-Bit Serial, 5s ADC in SO-8 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7894 Arkusz danych(HTML) 2 Page - Analog Devices

  AD7894_15 Datasheet HTML 1Page - Analog Devices AD7894_15 Datasheet HTML 2Page - Analog Devices AD7894_15 Datasheet HTML 3Page - Analog Devices AD7894_15 Datasheet HTML 4Page - Analog Devices AD7894_15 Datasheet HTML 5Page - Analog Devices AD7894_15 Datasheet HTML 6Page - Analog Devices AD7894_15 Datasheet HTML 7Page - Analog Devices AD7894_15 Datasheet HTML 8Page - Analog Devices AD7894_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
AD7894–SPECIFICATIONS
(VDD = +5 V
5%, GND = 0 V, REF IN = +2.5 V. All specifications TMIN to TMAX unless
otherwise noted.)
Parameter
A Versions
l
B Versions
1
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
2
Signal to (Noise + Distortion) Ratio
3
@ +25
°C
78
78
dB min
fIN = 70 kHz Sine Wave, fSAMPLE = 160 kHz
TMIN to TMAX
77
77
dB min
See Figure 14
Total Harmonic Distortion (THD)
3
–86
–86
dB max
fIN = 10 kHz Sine Wave, fSAMPLE = 160 kHz,
Typically –87 dB. See Figure 15
Peak Harmonic or Spurious Noise
3
–92
–92
dB typ
fIN = 10 kHz Sine Wave, fSAMPLE = 160 kHz
Intermodulation Distortion (IMD)
3
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 160 kHz
2nd Order Terms
–92
–92
dB typ
3rd Order Terms
–92
–92
dB typ
DC ACCURACY
Resolution
14
14
Bits
Minimum Resolution for Which
No Missing Codes Are Guaranteed
14
14
Bits
Relative Accuracy
3
±2
±1.5
LSB max
Differential Nonlinearity
3
–1 to +1.5
–1 to +1.5
LSB max
AD7894-2
Positive Gain Error
3
±12
±10
LSB max
Unipolar Offset Error
±8
±6
LSB max
AD7894-10, AD7894-3 Only
Positive Gain Error
3
±8
±6
LSB max
Negative Gain Error
3
±8
±6
LSB max
Bipolar Zero Error
±10
±8
LSB max
ANALOG INPUT
AD7894-10
Input Voltage Range
±10
±10
V
Input Current
2
2
mA max
See Analog Input Section
AD7894-3
Input Voltage Range
±2.5
±2.5
V
Input Current
1.5
1.5
mA max
See Analog Input Section
AD7894-2
Input Voltage Range
0 to +2.5
0 to +2.5
V
Input Current
500
500
nA max
REFERENCE INPUT
REF IN Input Voltage Range
2.375/2.625
2.375/2.625
V min/V max
2.5 V
± 5%
Input Current
1
1
µA max
Input Capacitance
4
10
10
pF max
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance, CIN
4
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
V min
ISOURCE = 400 µA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 1.6 mA
Output Coding
AD7894-10, AD7894-3
Twos Complement
AD7894-2
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
Mode 1 Operation
5
5
µs max
Mode 2 Operation
5
10
10
µs max
Track/Hold Acquisition Time
3
0.35
0.35
µs max
SAMPLE AND HOLD
–3 dB Small Signal Bandwidth
7.5
7.5
MHz typ
Aperture Jitter
50
50
ps typ


Podobny numer części - AD7894_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7894 AD-AD7894_17 Datasheet
167Kb / 13P
   5 V, 14-Bit Serial, ADC in SO-8 Package
More results

Podobny opis - AD7894_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7894 AD-AD7894_17 Datasheet
167Kb / 13P
   5 V, 14-Bit Serial, ADC in SO-8 Package
AD7894ARZ-3 AD-AD7894ARZ-3 Datasheet
118Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894ARZ-2 AD-AD7894ARZ-2 Datasheet
118Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894 AD-AD7894 Datasheet
131Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-10 AD-AD7894BRZ-10 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-3 AD-AD7894BRZ-3 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com