Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4724BMS Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części CD4724BMS
Szczegółowy opis  CMOS 8-Bit Addressable Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4724BMS Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button CD4724BMS Datasheet HTML 2Page - Intersil Corporation CD4724BMS Datasheet HTML 3Page - Intersil Corporation CD4724BMS Datasheet HTML 4Page - Intersil Corporation CD4724BMS Datasheet HTML 5Page - Intersil Corporation CD4724BMS Datasheet HTML 6Page - Intersil Corporation CD4724BMS Datasheet HTML 7Page - Intersil Corporation CD4724BMS Datasheet HTML 8Page - Intersil Corporation CD4724BMS Datasheet HTML 9Page - Intersil Corporation CD4724BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7-1274
CD4724BMS
FIGURE 9. A/D CONVERTER
FIGURE 8. TYPICAL DYNAMIC POWER DISSIPATION vs ADDRESS CYCLE TIME
Typical Performance Characteristics (Continued)
8
6
4
2
ADDRESS CYCLE TIME (
µs)
100
6
4
2
101
SUPPLY VOLTAGE (VDD) = 15V
10V
10V
5V
6
4
2
102
6
4
2
103
6
4
2
104
8
6
4
2
101
8
6
4
2
102
8
6
4
2
103
8
6
4
2
104
105
100
6
4
2
105
6
4
2
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) = 15pF
CL = 50pF
5
7
8
9 12
6
14
4
12
3
13
1
2
3
5
6
4
8
9
10
12
13
11
7
6
3
2
4
5
1
8
2
9 10 15 16
1
7
345
1
23
14
13
45
679 10 11 12
15
12
345
67
8
16
910 11 12 13
VDD
CD4520
CLOCK
Q1A
Q2A
Q3A
R
WD
DATA
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
R
CD4724BMS
LSB
CD4724BMS
OUTPUTS
TO DISPLAY
LADDER NETWORK
**
R2R
MSB
OUT
10K
10K
*
*
*
*
CA3130
+
-
56
pF
100
K
* CD4001
**HYCOMP HC210SLD - 2R
OR EQUIVALENT
AST
CD4047
OSC
OUT
R-C
R
C
470
pF
330
STARTS
CONVERSION
(t1 < t2)
t1
VDD
VDD
t2
ANALOG
IN
100
K


Podobny numer części - CD4724BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4724BM NSC-CD4724BM Datasheet
146Kb / 8P
   Dual 4-Bit, 8-Bit Addressable Latch
CD4724BMJ NSC-CD4724BMJ Datasheet
146Kb / 8P
   Dual 4-Bit, 8-Bit Addressable Latch
CD4724BMN NSC-CD4724BMN Datasheet
146Kb / 8P
   Dual 4-Bit, 8-Bit Addressable Latch
More results

Podobny opis - CD4724BMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4099BE TI-CD4099BE Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
CD4724BE TI-CD4724BE Datasheet
437Kb / 10P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
logo
Renesas Technology Corp
CD4099BMS RENESAS-CD4099BMS Datasheet
409Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Texas Instruments
CD4099B TI-CD4099B_12 Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
CD4724B TI-CD4724B Datasheet
262Kb / 5P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
logo
Intersil Corporation
CD4099BMS INTERSIL-CD4099BMS Datasheet
110Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Texas Instruments
CD4724B TI-CD4724B_13 Datasheet
1,013Kb / 13P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
CD4099B TI1-CD4099B_15 Datasheet
973Kb / 16P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
CD4099B TI-CD4099B Datasheet
237Kb / 5P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com