Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FWLF1523P151 Arkusz danych(PDF) 4 Page - Finisar Corporation.

Numer części FWLF1523P151
Szczegółowy opis  125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FINISAR [Finisar Corporation.]
Strona internetowa  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1523P151 Arkusz danych(HTML) 4 Page - Finisar Corporation.

  FWLF1523P151 Datasheet HTML 1Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 2Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 3Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 4Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 5Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 6Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 7Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 8Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FWLF1523P1x51 Pluggable SFP Product Specifications
F i n i s a r
© Finisar Corporation May 2011, Rev. A
Page 4
IV.
Optical Characteristics (Under Operating Conditions)
Parameter
1
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Pwr (comm. temp.)
POUT
+1
+5
dBm
2
Output Opt. Pwr (extended temp.)
POUT
-1
+3
dBm
2
Optical Wavelength
λ
1504.5
1511
1517.5
nm
Spectral Width (-20 dB)
σ
1
nm
Optical Extinction Ratio
ER
10
dB
Optical Rise/Fall Time
tr/ tf
800
ps
3
Relative Intensity Noise
RIN
-120
dB/Hz
Generated Jitter (peak to peak)
JTXp-p
0.07
UI
4
Generated Jitter (rms)
JTXrms
0.007
UI
5
Mask Margin
20%
Receiver
Average Rx Sensitivity
RSENS1
-34
-10
dBm
5
Maximum Input Power
PMAX
-10
dBm
Optical Center Wavelength
λ
C
1260
1600
nm
LOS De-Assert
LOSD
-34.5
dBm
LOS Assert
LOSA
-48
dBm
LOS Hysteresis
0.5
dB
Max Receiver Reflectance
RxR
-25
dB
Notes:
1.
All values are specified relative to an optical system design objective of a BER not worse than 1E-12
at 155Mb/s.
2.
9/125 SMF, Class 1 Laser Safety per FDA/CDRH and EN (IEC) 60825 regulations.
3.
Unfiltered, 20-80%
4.
Jitter measurements taken using Agilent OMNIBERT 718 in accordance with GR-253.
5.
With worst-case extinction ratio. Measured with a PRBS 2
23-1 test pattern.


Podobny numer części - FWLF1523P151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
FWLF1523P1C51 FRONTIER-FWLF1523P1C51 Datasheet
1Mb / 5P
   Product Guide
FWLF1523P1N51 FRONTIER-FWLF1523P1N51 Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF1523P1X51 FINISAR-FWLF1523P1X51 Datasheet
651Kb / 10P
   125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
More results

Podobny opis - FWLF1523P151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FWLF1523P1X51 FINISAR-FWLF1523P1X51 Datasheet
651Kb / 10P
   125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ANPZ AVAGO-AFCT-57D5ANPZ Datasheet
402Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFBR-57R5APZ AVAGO-AFBR-57R5APZ_15 Datasheet
288Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-57R5AEZ AVAGO-AFBR-57R5AEZ_15 Datasheet
269Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-59R5LZ AVAGO-AFBR-59R5LZ_15 Datasheet
590Kb / 19P
   RoHS-Compliant Optical Transceiver
logo
Finisar Corporation.
FTLF1518P1BTL FINISAR-FTLF1518P1BTL Datasheet
648Kb / 10P
   1.25Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1421P1BTL-3G FINISAR-FTLF1421P1BTL-3G Datasheet
638Kb / 10P
   RoHS Compliant Pluggable SFP Transceiver for 3G Wireless Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com