Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FWLF15217D Arkusz danych(PDF) 7 Page - Finisar Corporation.

Numer części FWLF15217D
Szczegółowy opis  Multi-rate CWDM Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FINISAR [Finisar Corporation.]
Strona internetowa  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF15217D Arkusz danych(HTML) 7 Page - Finisar Corporation.

Back Button FWLF15217D Datasheet HTML 3Page - Finisar Corporation. FWLF15217D Datasheet HTML 4Page - Finisar Corporation. FWLF15217D Datasheet HTML 5Page - Finisar Corporation. FWLF15217D Datasheet HTML 6Page - Finisar Corporation. FWLF15217D Datasheet HTML 7Page - Finisar Corporation. FWLF15217D Datasheet HTML 8Page - Finisar Corporation. FWLF15217D Datasheet HTML 9Page - Finisar Corporation. FWLF15217D Datasheet HTML 10Page - Finisar Corporation. FWLF15217D Datasheet HTML 11Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FWLF15217Dxx SFP Product Specification – February 2013
F i n i s a r
 Finisar Corporation February 2013 Rev.B2
Page 7
VIII. Digital Diagnostic Functions
Finisar FWLF15217Dxx SFP transceivers support the 2-wire serial communication
protocol as defined in the draft SFP MSA
1. It is very closely related to the E2PROM
defined in the GBIC standard, with the same electrical specifications.
The standard SFP serial ID provides access to identification information that describes
the transceiver’s capabilities, standard interfaces, manufacturer, and other information.
Additionally, Finisar SFP transceivers provide a unique enhanced digital diagnostic
monitoring interface, which allows real-time access to device operating parameters such
as transceiver temperature, laser bias current, transmitted optical power, received optical
power and transceiver supply voltage. It also defines a sophisticated system of alarm and
warning flags, which alerts end-users when particular operating parameters are outside of
a factory set normal range.
The SFP MSA defines a 256-byte memory map in E
2PROM that is accessible over a
2-wire serial interface at the 8 bit address 1010000X (A0h). The digital diagnostic
monitoring interface makes use of the 8 bit address 1010001X (A2h), so the originally
defined serial ID memory map remains unchanged. The interface is identical to, and is
thus fully backward compatible with both the GBIC Specification and the SFP Multi
Source Agreement. The complete interface is described in Finisar Application Note AN-
2030: “Digital Diagnostics Monitoring Interface for SFP Optical Transceivers”.


Podobny numer części - FWLF15217D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D49 FINISAR-FWLF15217D49 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D51 FINISAR-FWLF15217D51 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D53 FINISAR-FWLF15217D53 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D55 FINISAR-FWLF15217D55 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Podobny opis - FWLF15217D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com