Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FWLF15217D Arkusz danych(PDF) 1 Page - Finisar Corporation.

Numer części FWLF15217D
Szczegółowy opis  Multi-rate CWDM Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FINISAR [Finisar Corporation.]
Strona internetowa  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF15217D Arkusz danych(HTML) 1 Page - Finisar Corporation.

  FWLF15217D Datasheet HTML 1Page - Finisar Corporation. FWLF15217D Datasheet HTML 2Page - Finisar Corporation. FWLF15217D Datasheet HTML 3Page - Finisar Corporation. FWLF15217D Datasheet HTML 4Page - Finisar Corporation. FWLF15217D Datasheet HTML 5Page - Finisar Corporation. FWLF15217D Datasheet HTML 6Page - Finisar Corporation. FWLF15217D Datasheet HTML 7Page - Finisar Corporation. FWLF15217D Datasheet HTML 8Page - Finisar Corporation. FWLF15217D Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
F i n i s a r
 Finisar Corporation February 2013 Rev.B2
Page 1
Product Specification
Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217Dxx
PRODUCT FEATURES
 Up to 2.67 Gb/s bi-directional
data links
 Hot-pluggable SFP footprint
 Built-in digital diagnostic functions
 Uncooled DFB laser transmitter in
8 possible CWDM wavelengths
 Duplex LC connector
 Very low jitter
 Metal enclosure, for lower EMI
 Single 3.3V power supply
 Low power dissipation <700mW
 Operating temperature range: 0°C
to 70°C
APPLICATIONS
 Metro Access Rings and Point-to-Point
networking for SONET, Gigabit
Ethernet and Fibre Channel
Finisar’s FWLF15217Dxx CWDM Small Form Factor Pluggable (SFP) transceivers are
designed for operation in Metro Access Rings and Point-to-Point networks using
SONET, Gigabit Ethernet and Fibre Channel networking equipment. They are available
in eight different CWDM wavelengths. Digital diagnostics functions are available via an
I
2C serial bus. In addition, they comply with the Small Form Factor Pluggable Multi-
Sourcing Agreement (MSA)
1
.
PRODUCT SELECTION
Wavelength
Xx
Clasp Color
Code
Wavelength
xx
Clasp Color
Code
1471 nm
47
Gray
1551 nm
55
Yellow
1491 nm
49
Violet
1571 nm
57
Orange
1511 nm
51
Blue
1591 nm
59
Red
1531 nm
53
Green
1611 nm
61
Brown


Podobny numer części - FWLF15217D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D49 FINISAR-FWLF15217D49 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D51 FINISAR-FWLF15217D51 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D53 FINISAR-FWLF15217D53 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D55 FINISAR-FWLF15217D55 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Podobny opis - FWLF15217D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com