Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD54ACT03A Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części CD54ACT03A
Szczegółowy opis  Hex Inverters, Open-Drain Outputs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD54ACT03A Arkusz danych(HTML) 1 Page - Intersil Corporation

  CD54ACT03A Datasheet HTML 1Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper I.C. Handling Procedures.
Copyright
© Harris Corporation 1994
1
SEMICONDUCT OR
CD54AC05/3A
CD54ACT05/3A
Hex Inverters, Open-Drain Outputs
Functional Diagram
1A
2A
3A
4A
5A
6A
1
3
5
9
11
13
2
4
6
8
1Y
4Y
6Y
GND = 7
VCC = 14
5Y
3Y
2Y
10
12
Description
The CD54AC05/3A and CD54ACT05/3A are hex inverters
that utilize the Harris Advanced CMOS Logic technology.
The CD54AC05/3A and CD54ACT05/3A have open-drain
outputs.
The CD54AC05/3A and CD54ACT05/3A are supplied in 14
lead dual-in-line ceramic packages (F suffix).
ACT INPUT LOAD TABLE
INPUT
UNIT LOAD (NOTE 1)
nA
0.18
NOTE:
1. Unit load is
∆I
CC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA Max at +25oC.
June 1997
File Number
3879
Absolute Maximum Ratings
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V. . . . . . . . . . . . . . . . . . . . .±50mA
DC Output Source or Sink Current, Per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V. . . . . . . . . . . . . . . . . . . . .±50mA
DC VCC or GND Current, ICC or IGND
For Up to 4 Outputs Per Device, Add
±25mA For Each
Additional Output
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±100mA
Power Dissipation Per Package, PD
TA = -55
oC to +100oC (Package F) . . . . . . . . . . . . . . . . . . 500mW
TA = +100
oC to +125oC (Package F) . . . . . . . . Derate Linearly at
8mW/oC to 300mW
Operating Temperature Range, TA
Package Type F . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Storage Temperature, TSTG . . . . . . . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (During Soldering)
At Distance 1/16in.
± 1/32in. (1.59mm ± 0.79mm)
From Case For 10s Max . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
Unit Inserted Into a PC Board (Min Thickness 1/16in., 1.59mm)
With Solder Contacting Lead Tips Only. . . . . . . . . . . . . . . +300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions
Supply Voltage Range, VCC
Unless Otherwise Specified, All Voltages Referenced to GND
TA = Full Package Temperature Range
CD54AC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5V to 5.5V
CD54ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO. . . . . . . . . . . . . . . . . . 0V to VCC
Operating Temperature, TA . . . . . . . . . . . . . . . . . . . -55
oC to +125oC
Input Rise and Fall Slew Rate, dt/dv
at 1.5V to 3V (AC Types) . . . . . . . . . . . . . . . . . . . 0ns/V to 50ns/V
at 3.6V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 20ns/V
at 4.5V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 10ns/V
COMING SOON!
COMPLETE DATA SHEET


Podobny numer części - CD54ACT03A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD54ACT03A INTERSIL-CD54ACT03A Datasheet
9Kb / 1P
   Hex Inverters, Active Outputs
June 1997
logo
Harris Corporation
CD54ACT03A HARRIS-CD54ACT03A Datasheet
11Kb / 1P
   Quad 2-Input AND Gate
More results

Podobny opis - CD54ACT03A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com