Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7939 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7939
Szczegółowy opis  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7939 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7939_15 Datasheet HTML 6Page - Analog Devices AD7939_15 Datasheet HTML 7Page - Analog Devices AD7939_15 Datasheet HTML 8Page - Analog Devices AD7939_15 Datasheet HTML 9Page - Analog Devices AD7939_15 Datasheet HTML 10Page - Analog Devices AD7939_15 Datasheet HTML 11Page - Analog Devices AD7939_15 Datasheet HTML 12Page - Analog Devices AD7939_15 Datasheet HTML 13Page - Analog Devices AD7939_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD7938/AD7939
Data Sheet
Rev. C | Page 10 of 36
Pin No.
Mnemonic
Description
21
AGND
Analog Ground. This is the ground reference point for all analog circuitry on the AD7938/AD7939. All analog input
signals and any external reference signal should be referred to this AGND voltage. The AGND and DGND voltages
should ideally be at the same potential and must not be more than 0.3 V apart, even on a transient basis.
22
VREFIN/VREFOUT
Reference Input/Output. This pin is connected to the internal reference and is the reference source for the ADC.
The nominal internal reference voltage is 2.5 V, which appears at this pin. It is recommended that this pin is
decoupled to AGND with a 470 nF capacitor. This pin can be overdriven by an external reference. The input voltage
range for the external reference is 0.1 V to VDD; however, care must be taken to ensure that the analog input range
does not exceed VDD + 0.3 V. See the Reference section.
23 to
30
VIN0 to VIN7
Analog Input 0 to Analog Input 7. Eight analog input channels that are multiplexed into the on-chip track-and-
hold. The analog inputs can be programmed to be eight single-ended inputs, four fully differential pairs, four
pseudo differential pairs, or seven pseudo differential inputs by setting the MODE bits in the control register
appropriately (see Table 10). The analog input channel to be converted can either be selected by writing to the
address bits (ADD2 to ADD0) in the control register prior to the conversion or the on-chip sequencer can be used.
The SEQ and SHDW bits in conjunction with the address bits in the control register allow the shadow register to be
programmed. The input range for all input channels can either be 0 V to VREF or 0 V to 2 × VREF, and the coding can
be binary or twos complement, depending on the states of the RANGE and CODING bits in the control register.
Any unused input channels should be connected to AGND to avoid noise pickup.
31
VDD
Power Supply Input. The VDD range for the AD7938/AD7939 is 2.7 V to 5.25 V. The supply should be decoupled to
AGND with a 0.1 µF capacitor and a 10 µF tantalum capacitor.
32
W/B
Word/Byte Input. When this input is logic high, data is transferred to and from the AD7938/AD7939 in 12-bit/10-bit
words on the DB0/DB2 to DB11 pins. When this pin is logic low, byte transfer mode is enabled. Data and the
channel ID are transferred on Pin DB0 to Pin DB7, and Pin DB8/HBEN assumes its HBEN functionality. Unused data
lines when operating in byte transfer mode should be tied off to DGND.
EPAD
Exposed Pad. The exposed pad is located on the underside of the package. Connect the EPAD to the ground plane
of the PCB using multiple vias.


Podobny numer części - AD7939_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7939BCP AD-AD7939BCP Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7939BCPZ AD-AD7939BCPZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939BCPZ AD-AD7939BCPZ Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7939BCPZ-REEL7 AD-AD7939BCPZ-REEL7 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939BCPZ-REEL7 AD-AD7939BCPZ-REEL7 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
More results

Podobny opis - AD7939_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7938 AD-AD7938 Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7933 AD-AD7933 Datasheet
1Mb / 32P
   4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrG
AD7934 AD-AD7934_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7934BRUZ-REEL7 AD-AD7934BRUZ-REEL7 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
AD7938-6 AD-AD7938-6 Datasheet
762Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com