Zakładka z wyszukiwarką danych komponentów |
|
AD7983 Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD7983 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 24 page Data Sheet AD7983 Rev. B | Page 3 of 24 SPECIFICATIONS VDD = 2.5 V, VIO = 2.3 V to 5.5 V, REF = 5 V, TA = –40°C to +85°C, unless otherwise noted. Table 2. Parameter Conditions Min Typ Max Unit RESOLUTION 16 Bits ANALOG INPUT Voltage Range IN+ − IN− 0 VREF V Absolute Input Voltage IN+ −0.1 VREF + 0.1 V IN− −0.1 +0.1 V Analog Input CMRR fIN = 100 kHz 60 dB1 Leakage Current @ 25°C Acquisition phase 1 nA Input Impedance See the Analog Inputs section ACCURACY No Missing Codes 16 Bits Differential Linearity Error −0.9 ±0.4 +0.9 LSB2 Integral Linearity Error −1.0 ±0.6 +1.0 LSB2 Transition Noise 0.52 LSB2 Gain Error, TMIN to TMAX3 ±2 LSB2 Gain Error Temperature Drift ±0.41 ppm/°C Zero Error, TMIN to TMAX3 −0.9 ±0.44 +0.9 mV Zero Temperature Drift 0.54 ppm/°C Power Supply Sensitivity VDD = 2.5 V ± 5% ±0.1 LSB2 THROUGHPUT Conversion Rate 0 1.33 MSPS Transient Response Full-scale step 290 ns AC ACCURACY Dynamic Range 93 dB1 Signal-to-Noise Ratio, SNR fIN = 1 kHz 90.5 92 dB1 Spurious-Free Dynamic Range, SFDR fIN = 10 kHz 114 dB1 Total Harmonic Distortion, THD fIN = 10 kHz −115 dB1 Signal-to-(Noise + Distortion), SINAD fIN = 10 kHz 91.6 dB1 1 All specifications in dB are referred to a full-scale input FSR. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified. 2 LSB means least significant bit. With the 5 V input range, 1 LSB is 76.3 µV. 3 See the Terminology section. These specifications include full temperature range variation, but not the error contribution from the external reference. |
Podobny numer części - AD7983_15 |
|
Podobny opis - AD7983_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |