Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HC22106 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części CD74HC22106
Szczegółowy opis  QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD74HC22106 Arkusz danych(HTML) 3 Page - Intersil Corporation

  CD74HC22106 Datasheet HTML 1Page - Intersil Corporation CD74HC22106 Datasheet HTML 2Page - Intersil Corporation CD74HC22106 Datasheet HTML 3Page - Intersil Corporation CD74HC22106 Datasheet HTML 4Page - Intersil Corporation CD74HC22106 Datasheet HTML 5Page - Intersil Corporation CD74HC22106 Datasheet HTML 6Page - Intersil Corporation CD74HC22106 Datasheet HTML 7Page - Intersil Corporation CD74HC22106 Datasheet HTML 8Page - Intersil Corporation CD74HC22106 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
68
Electrical Specifications
VSS = 0V
PARAMETER
SYMBOL
TEST CONDITIONS
25oC
-40oC TO 85oC
UNITS
FIG.
VDD
(V)
MIN
MAX
MIN
MAX
DYNAMIC CONTROLS
Propagation Delay Time:
tPZH
RL = 10kΩ
CL = 50pF
tR, tF = 6ns
1
2
-
370
-
385
ns
Strobe to Output (Switch
Turn-On to High Level)
4.5
-
110
-
125
ns
9
-
65
-
70
ns
Data-In to Output (Turn-On to
High Level)
tPZH
2
2
-
240
-
255
ns
4.5
-
75
-
85
ns
9
-
50
-
55
ns
Address to Output (Turn-On
to High Level)
tPZH
3
2
-
380
-
400
ns
4.5
-
110
-
125
ns
9
-
65
-
75
ns
Propagation Delay Time:
tPHZ
1
2
-
400
-
420
ns
Strobe to Output Switch
Turn-Off
4.5
-
135
-
155
ns
9
-
90
-
100
ns
Data-In to Output (Turn-On to
Low Level)
tPZL
2
2
-
240
-
255
ns
4.5
-
75
-
85
ns
9
-
50
-
55
ns
Address to Output (Turn-Off)
tPHZ
3
2
-
420
-
440
ns
4.5
-
140
-
155
ns
9
-
95
-
100
ns
Minimum Setup Time
(Data-In to Strobe,
Address to Strobe)
tSU
-
2
35-40-
ns
4.5
20
-
20
-
ns
9
15-15-
ns
Minimum Hold Time (Data-In to
Strobe, Address to Strobe)
tH
-
2
85-90-
ns
4.5
25
-
25
-
ns
9
20-20-
ns
Minimum Strobe Pulse Width
tW
-
2
200
-
210
-
ns
4.5
45
-
55
-
ns
9
25-30-
ns
Maximum Switching Frequency
FO
-
2
0.7
-
0.6
-
MHz
4.5
3.0
-
2.8
-
MHz
9
7
-
6.5
-
MHz
Input (Control) Capacitance
CI
-
-
-
10
-
10
pF
CD74HC22106


Podobny numer części - CD74HC22106

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC221 TI-CD74HC221 Datasheet
65Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
450Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221-W TI1-CD74HC221-W Datasheet
783Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic
More results

Podobny opis - CD74HC22106

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
   CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
   WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Intersil Corporation
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com