Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8011 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD8011
Szczegółowy opis  300 MHz Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8011 Arkusz danych(HTML) 3 Page - Analog Devices

  AD8011_15 Datasheet HTML 1Page - Analog Devices AD8011_15 Datasheet HTML 2Page - Analog Devices AD8011_15 Datasheet HTML 3Page - Analog Devices AD8011_15 Datasheet HTML 4Page - Analog Devices AD8011_15 Datasheet HTML 5Page - Analog Devices AD8011_15 Datasheet HTML 6Page - Analog Devices AD8011_15 Datasheet HTML 7Page - Analog Devices AD8011_15 Datasheet HTML 8Page - Analog Devices AD8011_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
REV. C
–2–
AD8011–SPECIFICATIONS
DUAL SUPPLY
AD8011A
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth, VO < 1 V p-p
G = +1
340
400
MHz
–3 dB Small Signal Bandwidth, VO < 1 V p-p
G = +2
180
210
MHz
–3 dB Large Signal Bandwidth, VO = 5 V p-p
G = +10, RF = 500
57
MHz
Bandwidth for 0.1 dB Flatness
G = +2
20
25
MHz
Slew Rate
G = +2, VO = 4 V Step
3500
V/
µs
G = –1, VO = 4 V Step
1100
V/
µs
Settling Time to 0.1%
G = +2, VO = 2 V Step
25
ns
Rise and Fall Time
G = +2, VO = 2 V Step
0.4
ns
G = –1, VO = 2 V Step
3.7
ns
NOISE/HARMONIC PERFORMANCE
Second Harmonic
fC = 5 MHz, VO = 2 V p-p, G = +2
RL = 1 k
–75
dB
RL = 150
–67
dB
Third Harmonic
RL = 1 k
–70
dB
RL = 150
–54
dB
Input Voltage Noise
f = 10 kHz
2
nV/
√Hz
Input Current Noise
f = 10 kHz, +In
5
pA/
√Hz
–In
5
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RL = 1 k
0.02
%
RL = 150
0.02
%
Differential Phase Error
NTSC, G = +2, RL = 1 k
0.06
Degrees
RL = 150
0.3
Degrees
DC PERFORMANCE
Input Offset Voltage
25
±mV
TMIN–TMAX
26
±mV
Offset Drift
10
µV/°C
–Input Bias Current
515
±µA
TMIN–TMAX
20
±µA
+Input Bias Current
515
±µA
TMIN–TMAX
20
±µA
Open-Loop Transresistance
800
1300
k
TMIN–TMAX
550
k
INPUT CHARACTERISTICS
Input Resistance
+Input
450
k
Input Capacitance
+Input
2.3
pF
Input Common-Mode Voltage Range
3.8
4.1
±V
Common-Mode Rejection Ratio
Offset Voltage
VCM =
±2.5 V
–52
–57
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
3.9
4.1
±V
Output Resistance
0.1
0.3
Output Current
TMIN–TMAX
15
30
mA
Short-Circuit Current
60
mA
POWER SUPPLY
Operating Range
±1.5
±6.0 V
Quiescent Current
TMIN–TMAX
1.0
1.3
mA
Power Supply Rejection Ratio
VS =
±5 V ± 1 V
55
58
dB
Specifications subject to change without notice.
(@ TA = 25 C, VS =
5 V, G = +2, RF = 1 k , RL = 1 k , unless otherwise noted.)


Podobny numer części - AD8011_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8011-EB AD-AD8011-EB Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AN AD-AD8011AN Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AN AD-AD8011AN Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR AD-AD8011AR Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
More results

Podobny opis - AD8011_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com