Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8021 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD8021
Szczegółowy opis  Low Noise, High Speed Amplifier for 16-Bit Systems
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8021 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD8021_15 Datasheet HTML 4Page - Analog Devices AD8021_15 Datasheet HTML 5Page - Analog Devices AD8021_15 Datasheet HTML 6Page - Analog Devices AD8021_15 Datasheet HTML 7Page - Analog Devices AD8021_15 Datasheet HTML 8Page - Analog Devices AD8021_15 Datasheet HTML 9Page - Analog Devices AD8021_15 Datasheet HTML 10Page - Analog Devices AD8021_15 Datasheet HTML 11Page - Analog Devices AD8021_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AD8021
Rev. F | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
26.4 V
Power Dissipation
Observed power
derating curves
Input Voltage (Common Mode)
±VS ± 1 V
Differential Input Voltage1
±0.8 V
Differential Input Current
±10 mA
Output Short-Circuit Duration
Observed power
derating curves
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
1 The AD8021 inputs are protected by diodes. Current-limiting resistors are
not used to preserve the low noise. If a differential input exceeds ±0.8 V, the
input current should be limited to ±10 mA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8021 is limited by the associated rise in junction tempera-
ture. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition
temperature of the plastic, approximately 150°C. Temporarily
exceeding this limit can cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 175°C for an extended
period can result in device failure.
While the AD8021 is internally short-circuit protected, this can
not be sufficient to guarantee that the maximum junction tem-
perature (150°C) is not exceeded under all conditions. To ensure
proper operation, it is necessary to observe the maximum
power derating curves.
AMBIENT TEMPERATURE (°C)
2.0
1.5
1.0
0.5
0.01
–55 –45 –35 –25 –15 –5 5 15 25 35 45 55 65 75 85
8-LEAD SOIC
8-LEAD MSOP
Figure 3. Maximum Power Dissipation vs. Temperature1
1 Specification is for device in free air: 8-lead SOIC: θJA = 125°C/W; 8-lead
MSOP:
θJA = 145°C/W.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - AD8021_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8021AR AD-AD8021AR Datasheet
467Kb / 20P
   Low Noise, High Speed Amplifier for 16-Bit Systems
REV. D
AD8021AR AD-AD8021AR Datasheet
585Kb / 28P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
AD8021AR-REEL AD-AD8021AR-REEL Datasheet
467Kb / 20P
   Low Noise, High Speed Amplifier for 16-Bit Systems
REV. D
AD8021AR-REEL AD-AD8021AR-REEL Datasheet
585Kb / 28P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
AD8021AR-REEL7 AD-AD8021AR-REEL7 Datasheet
467Kb / 20P
   Low Noise, High Speed Amplifier for 16-Bit Systems
REV. D
More results

Podobny opis - AD8021_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8021 AD-AD8021 Datasheet
467Kb / 20P
   Low Noise, High Speed Amplifier for 16-Bit Systems
REV. D
AD8021 AD-AD8021_06 Datasheet
585Kb / 28P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP37GPZ AD-OP37GPZ Datasheet
490Kb / 16P
   Low Noise, Precision, High Speed tional Amplifier
REV. B
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
logo
Texas Instruments
MC33078-EP TI-MC33078-EP Datasheet
726Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com