Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8108 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD8108
Szczegółowy opis  325 MHz, 8 8 Buffered Video Crosspoint Switches
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8108 Arkusz danych(HTML) 3 Page - Analog Devices

  AD8108_15 Datasheet HTML 1Page - Analog Devices AD8108_15 Datasheet HTML 2Page - Analog Devices AD8108_15 Datasheet HTML 3Page - Analog Devices AD8108_15 Datasheet HTML 4Page - Analog Devices AD8108_15 Datasheet HTML 5Page - Analog Devices AD8108_15 Datasheet HTML 6Page - Analog Devices AD8108_15 Datasheet HTML 7Page - Analog Devices AD8108_15 Datasheet HTML 8Page - Analog Devices AD8108_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AD8108/AD8109
Rev. B | Page 2 of 32
TABLE OF CONTENTS
AD8108/AD8109
—Specifications ................................................. 3
Timing Characteristics (Serial) .................................................. 5
Timing Characteristics (Parallel) ............................................... 6
Absolute Maximum Ratings............................................................ 8
Maximum Power Dissipation ..................................................... 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 11
I/O Schematics ................................................................................ 17
Theory of Operation ...................................................................... 18
Applications................................................................................. 18
Power-On RESET....................................................................... 19
Gain Selection............................................................................. 19
Creating Larger Crosspoint Arrays.......................................... 20
Multichannel Video ................................................................... 21
Crosstalk ...................................................................................... 22
PCB Layout...................................................................................... 24
Evaluation Board ............................................................................ 28
Control the Evaluation Board from a PC................................ 28
Overshoot of PC Printer Ports’ Data Lines............................. 28
Outline Dimensions ....................................................................... 30
Ordering Guide .......................................................................... 30
REVISION HISTORY
9/05—Rev. A to Rev. B
Updated Format.................................................................. Universal
Change to Absolute Maximum Ratings..........................................8
Changes to Maximum Power Dissipation Section........................8
Change to Figure 4 ............................................................................8
Updated Outline Dimensions ........................................................30
Changes to Ordering Guide ...........................................................30
1/02—Rev. 0 to Rev. A
Universal change in nomenclature from MQFP to LQFP .............
Comment added to OUTLINE DIMENSIONS ..........................27
Revision 0: Initial Version


Podobny numer części - AD8108_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
More results

Podobny opis - AD8108_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com