Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8150 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD8150
Szczegółowy opis  Crosspoint Switch
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8150 Arkusz danych(HTML) 4 Page - Analog Devices

  AD8150_15 Datasheet HTML 1Page - Analog Devices AD8150_15 Datasheet HTML 2Page - Analog Devices AD8150_15 Datasheet HTML 3Page - Analog Devices AD8150_15 Datasheet HTML 4Page - Analog Devices AD8150_15 Datasheet HTML 5Page - Analog Devices AD8150_15 Datasheet HTML 6Page - Analog Devices AD8150_15 Datasheet HTML 7Page - Analog Devices AD8150_15 Datasheet HTML 8Page - Analog Devices AD8150_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD8150
Rev. A | Page 4 of 44
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage VDD − VEE
10.5 V
Internal Power Dissipation1
AD8150 184-Lead Plastic LQFP (ST)
4.2 W
Differential Input Voltage
VCC − VEE
Output Short-Circuit Duration
Observe power
derating curves
Storage Temperature Range2
−65°C to +125°C
1 Specification is for device in free air (TA = 25°C):
184-lead plastic LQFP (ST): θJA = 30°C/W.
2 Maximum reflow temperatures are to JEDEC industry standard J-STD-020.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPIATION
The maximum power that can be safely dissipated by the
AD8150 is limited by the associated rise in junction
temperature. The maximum safe junction temperature for
plastic encapsulated devices is determined by the glass
transition temperature of the plastic, approximately 125°C.
Temporarily exceeding this limit may cause a shift in
parametric performance due to a change in the stresses exerted
on the die by the package. Exceeding a junction temperature of
125°C for an extended period can result in device failure.
While the AD8150 is internally short-circuit protected, this may
not be sufficient to guarantee that the maximum junction
temperature (125°C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the
maximum power derating curves shown in Figure 3.
6
1
2
3
4
5
–10
90
80
70
60
50
40
30
20
10
0
AMBIENT TEMPERATURE (
°C)
TJ = 150°C
Figure 3. Maximum Power Dissipation vs. Temperature
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - AD8150_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8150-EVAL AD-AD8150-EVAL Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150AST AD-AD8150AST Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
More results

Podobny opis - AD8150_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8117 AD-AD8117_15 Datasheet
1,022Kb / 36P
   Analog Crosspoint Switch
REV. A
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC6464 VITESSE-VSC6464 Datasheet
90Kb / 10P
   64x64 Crosspoint Switch
logo
Analog Devices
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
AD8175 AD-AD8175_15 Datasheet
628Kb / 40P
   Video Crosspoint Switch
REV. B
AD8105 AD-AD8105_15 Datasheet
1,017Kb / 36P
   Analog Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com