Zakładka z wyszukiwarką danych komponentów |
|
AD8182 Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD8182 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 12 page NOTES 1 ENABLE pin is grounded. IN0 = +1 V dc, IN1 = –1 V dc. SELECT input is driven with 0 V to +5 V pulse. Measure transition time from 50% of the SELECT input value (+2.5 V) and 10% (or 90%) of the total output voltage transition from IN0 channel voltage (+1 V) to IN1 (–1 V), or vice versa. 2 ENABLE pin is driven with 0 V to +5 V pulse (with 3 ns edges). State of SELECT input determines which channel is activated (i.e., if SELECT = Logic 0, IN0 is selected). Set IN0 = +1 V dc, IN1 = –1 V dc, and measure transition time from 50% of ENABLE pulse (+2.5 V) to 90% of the total output voltage change. In Figure 5, ∆t OFF is the disable time, ∆t ON is the enable time. 3All inputs are grounded. SELECT input is driven with 0 V to +5 V pulse. The outputs are monitored. Speeding the edges of the SELECT pulse increases the glitch magnitude due to coupling via the ground plane. Removing the SELECT input termination will lower glitch, as does increasing RL. 4Decreasing R L lowers the bandwidth slightly. Increasing CL lowers the bandwidth considerably (see Figure 19). 5A resistor (R S) placed in series with the mux inputs serves to optimize 0.1 dB flatness, but is not required. Increasing output capacitance will increase peaking and reduce band- width (see Figure 20.) 6Select input which is not being driven (i.e., if SELECT is Logic 1, input activated is IN1); drive all other inputs with V IN = 0.707 V rms and monitor output at ƒ = 5 and 30 MHz. RL = 1 k Ω (see Figure 13). 7Mux is disabled (i.e., ENABLE = Logic 1) and all inputs are driven simultaneously with V IN = 0.446 V rms. Output is monitored at ƒ = 5 and 30 MHz. R L = 30 Ω to simulate RON of one enabled mux within a system (see Figure 14). In this mode the output impedance is very high (typ 10 M Ω), and the signal couples across the package; the load imped- ance determines the crosstalk. 8Voltage gain decreases for lower values of R L. The resistive divider formed by the mux enabled output resistance (27 Ω) and R L causes a gain which decreases as RL decreases (i.e., the voltage gain is approximately 0.97 V/V (3% gain error) for RL = 1 k Ω). 9Larger values of R L provide wider output voltage swings, as well as better gain accuracy. See Note 8. Specifications subject to change without notice. AD8180/AD8182 CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD8180/AD8182 feature proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. –3– REV. B ABSOLUTE MAXIMUM RATINGS 1 Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V Internal Power Dissipation 2 AD8180 8-Lead Plastic DIP (N) . . . . . . . . . . . . . . . . 1.3 Watts AD8180 8-Lead Small Outline (R) . . . . . . . . . . . . . . 0.9 Watts AD8182 14-Lead Plastic DIP (N) . . . . . . . . . . . . . . . 1.6 Watts AD8182 14-Lead Small Outline (R) . . . . . . . . . . . . . 1.0 Watts Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±V S Output Short Circuit Duration . . . . . Observe Power Derating Curves Storage Temperature Range N and R Package . . . . . . . . . . . . . . . . . . . . . . –65 °C to +125°C Lead Temperature Range (Soldering 10 sec) . . . . . . . . . . +300 °C NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2Specification is for device in free air: 8-Lead Plastic DIP Package: θ JA = 90°C/W; 8-Lead SOIC Package: θ JA = 155°C/W; 14-Lead Plastic Package: θJA = 75°C/W; 14-Lead SOIC Package: θ JA = 120°C/W, where PD = (T J–TA)/θJA. ORDERING GUIDE Temperature Package Package Model Range Description Option AD8180AN –40 °C to +85°C 8-Lead Plastic DIP N-8 AD8180AR –40 °C to +85°C 8-Lead SOIC SO-8 AD8180AR-REEL –40 °C to +85°C 13" Reel SOIC SO-8 AD8180AR-REEL7 –40 °C to +85°C 7" Reel SOIC SO-8 AD8182AN –40 °C to +85°C 14-Lead Plastic DIP N-14 AD8182AR –40 °C to +85°C 14-Lead Narrow SOIC R-14 AD8182AR-REEL –40 °C to +85°C 13" Reel SOIC R-14 AD8182AR-REEL7 –40 °C to +85°C 7" Reel SOIC R-14 AD8180-EB Evaluation Board AD8182-EB Evaluation Board MAXIMUM POWER DISSIPATION The maximum power that can be safely dissipated by the AD8180 and AD8182 is limited by the associated rise in junc- tion temperature. The maximum safe junction temperature for plastic encapsulated devices is determined by the glass transition temperature of the plastic, approximately +150 °C. Exceeding this limit temporarily may cause a shift in parametric perfor- mance due to a change in the stresses exerted on the die by the package. Exceeding a junction temperature of +175 °C for an extended period can result in device failure. While the AD8180 and AD8182 are internally short circuit protected, this may not be sufficient to guarantee that the maxi- mum junction temperature (+150 °C) is not exceeded under all conditions. To ensure proper operation, it is necessary to observe the maximum power derating curves shown in Figures 2 and 3. AMBIENT TEMPERATURE – C 2.0 1.5 0 –50 90 –40 –30 –20 –10 0 10 20 30 50 60 70 80 40 1.0 0.5 8-LEAD PLASTIC DIP PACKAGE 8-LEAD SOIC PACKAGE TJ = +150 C Figure 2. AD8180 Maximum Power Dissipation vs. Temperature AMBIENT TEMPERATURE – C 2.5 2.0 0.5 –50 90 –40 –30 –20 –10 0 10 20 30 40 50 60 80 1.5 1.0 70 14-LEAD SOIC 14-LEAD PLASTIC DIP PACKAGE TJ = +150 C Figure 3. AD8182 Maximum Power Dissipation vs. Temperature WARNING! ESD SENSITIVE DEVICE |
Podobny numer części - AD8182_15 |
|
Podobny opis - AD8182_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |