Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8187 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD8187
Szczegółowy opis  480 MHz Single-Supply Triple 2:1 Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8187 Arkusz danych(HTML) 4 Page - Analog Devices

  AD8187_15 Datasheet HTML 1Page - Analog Devices AD8187_15 Datasheet HTML 2Page - Analog Devices AD8187_15 Datasheet HTML 3Page - Analog Devices AD8187_15 Datasheet HTML 4Page - Analog Devices AD8187_15 Datasheet HTML 5Page - Analog Devices AD8187_15 Datasheet HTML 6Page - Analog Devices AD8187_15 Datasheet HTML 7Page - Analog Devices AD8187_15 Datasheet HTML 8Page - Analog Devices AD8187_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. A
–4–
AD8186/AD8187
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8186/AD8187 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1, 2, 3, 4
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
DVCC to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
DVCC to VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0 V
VCC to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0 V
IN0A, IN0B, IN1A, IN1B, IN2A, IN2B, VREF . . . VEE
≤ V
IN
≤ V
CC
SEL A/
B, OE . . . . . . . . . . . . . . . . . . . . . . D
GND
≤ VIN ≤ DVCC
Output Short Circuit Operation . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range . . . . . . . . . . . . –65ºC to +150ºC
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300ºC
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the Theory of
Operation section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2 Specification is for device in free air (T
A = 25ºC).
3 24-lead TSSOP; T
JA= 85ºC/W. Maximum internal power dissipation (PD) should be
derated for ambient temperature (TA) such that PD < (150ºC TA)/TJA.
4 T
JA of 85 C/W is on a 4-layer board (2s 2p).
MAXIMUM POWER DISSIPATION
The maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic, approximately 150ºC. Temporarily exceeding this limit
may cause a shift in parametric performance due to a change in
the stresses exerted on the die by the package. Exceeding a
junction temperature of 175ºC for an extended period can result
in device failure.
While the AD8186/AD8187 is internally short circuit protected,
this may not be sufficient to guarantee that the maximum junction
temperature (150ºC) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the maximum
power derating curves shown in Figure 2.
PIN CONFIGURATION
IN0A
DGND
VREF
OUT 0
OUT 1
OUT 2
IN1A
IN2A
IN2B
IN1B
IN0B
VCC
VEE
VEE
VEE
VCC
OE
SEL A/
B
VEE
VCC
VCC
VCC
VEE
DVCC
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD8186/
AD8187
TOP VIEW
(Not to Scale)
AMBIENT TEMPERATURE ( C)
–50 –40
1.0
0.5
1.5
0
2.0
2.5
–30 –20 –10
0
10
20
30
40
50
60
70
80
90
Figure 2. Maximum Power Dissipation vs. Temperature
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8186ARU
–40ºC to +85ºC
24-Lead Thin Shrink Small Outline Package (TSSOP) RU-24
AD8186ARU-REEL –40ºC to +85ºC
13
" Reel TSSOP
RU-24
AD8186ARU-REEL 7 –40ºC to +85ºC
7
" Reel TSSOP
RU-24
AD8187ARU
–40ºC to +85ºC
24-Lead Thin Shrink Small Outline Package (TSSOP) RU-24
AD8187ARU-REEL –40ºC to +85ºC
13
" Reel TSSOP
RU-24
AD8187ARU-REEL 7 –40ºC to +85ºC
7
" Reel TSSOP
RU-24
AD8186-EVAL
Evaluation Board
AD8187-EVAL
Evaluation Board


Podobny numer części - AD8187_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
More results

Podobny opis - AD8187_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186 Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com