Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8230 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD8230
Szczegółowy opis  16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8230 Arkusz danych(HTML) 1 Page - Analog Devices

  AD8230_15 Datasheet HTML 1Page - Analog Devices AD8230_15 Datasheet HTML 2Page - Analog Devices AD8230_15 Datasheet HTML 3Page - Analog Devices AD8230_15 Datasheet HTML 4Page - Analog Devices AD8230_15 Datasheet HTML 5Page - Analog Devices AD8230_15 Datasheet HTML 6Page - Analog Devices AD8230_15 Datasheet HTML 7Page - Analog Devices AD8230_15 Datasheet HTML 8Page - Analog Devices AD8230_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
16 V Rail-to-Rail, Zero-Drift,
Precision Instrumentation Amplifier
AD8230
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Resistor programmable gain range: 101 to 1000
Supply voltage range: ±4 V to ±8 V
Rail-to-rail input and output
Maintains performance over −40°C to +125°C
Excellent ac and dc performance
110 dB minimum CMR @ 60 Hz, G = 10 to 1000
10 μV maximum offset voltage (RTI, ±5 V operation)
50 nV/°C maximum offset drift
20 ppm maximum gain nonlinearity
APPLICATIONS
Pressure measurements
Temperature measurements
Strain measurements
Automotive diagnostics
GENERAL DESCRIPTION
The AD8230 is a low drift, differential sampling, precision
instrumentation amplifier. Auto-zeroing reduces offset voltage
drift to less than 50 nV/°C. The AD8230 is well-suited for
thermocouple and bridge transducer applications. The
AD8230’s high CMR of 110 dB (minimum) rejects line noise in
measurements where the sensor is far from the instrumentation.
The 16 V rail-to-rail, common-mode input range is useful for
noisy environments where ground potentials vary by several
volts. Low frequency noise is kept to a minimal 3 μV p-p,
making the AD8230 perfect for applications requiring the
utmost dc precision. Moreover, the AD8230 maintains its high
performance over the extended industrial temperature range of
−40°C to +125°C.
Two external resistors are used to program the gain. By using
matched external resistors, the gain stability of the AD8230 is
much higher than instrumentation amplifiers that use a single
resistor to set the gain. In addition to allowing users to program
the gain between 101 and 1000, users can adjust the output
offset voltage.
CONNECTION DIAGRAM
8
7
6
5
1
2
3
4
–VS
VOUT
RG
VREF2
–IN
TOP VIEW
(Not to Scale)
+VS
VREF1
+IN
AD8230
Figure 1. 8-Lead SOIC (R-8)
TEMPERATURE (°C)
150
–50
–30
–10
10
30
50
70
90
110
130
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 2. Relative Offset Voltage vs. Temperature
2
6
1
7
5
8
4
3
AD8230
VOUT
–5V
+5V
TYPE K THERMOCOUPLE
0.1µF
284Ω
34.8kΩ
0.1µF
Figure 3. Thermocouple Measurement
The AD8230 is versatile yet simple to use. Its auto-zeroing
topology significantly minimizes the input and output
transients typical of commutating or chopper instrumentation
amplifiers. The AD8230 operates on ±4 V to ±8 V (+8 V to +16 V)
supplies and is available in an 8-lead SOIC.
1 The AD8230 can be programmed for a gain as low as 2, but the maximum
input voltage is limited to approximately 750 mV.


Podobny numer części - AD8230_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
More results

Podobny opis - AD8230_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com