Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8305 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD8305
Szczegółowy opis  100 dB Range Logarithmic Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8305 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD8305_15 Datasheet HTML 4Page - Analog Devices AD8305_15 Datasheet HTML 5Page - Analog Devices AD8305_15 Datasheet HTML 6Page - Analog Devices AD8305_15 Datasheet HTML 7Page - Analog Devices AD8305_15 Datasheet HTML 8Page - Analog Devices AD8305_15 Datasheet HTML 9Page - Analog Devices AD8305_15 Datasheet HTML 10Page - Analog Devices AD8305_15 Datasheet HTML 11Page - Analog Devices AD8305_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8305
Rev. B | Page 8 of 24
FREQUENCY (Hz)
10
–50
100
0
–10
–20
–30
–40
1k
10k
100k
1M
10M
100M
1µA
100µA
1mA
10nA
100nA
10µA
Figure 15. Small Signal AC Response (5% Sine Modulation), from IPD to VOUT
(G = 1) for IPD in Decade Steps from 10 nA to 1 mA, IREF = 10 μA
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
10
–50
0
–10
–20
–30
–40
1µA
100µA
1mA
10nA 100nA
10µA
Figure 16. Small Signal AC Response (5% Sine Modulation), from IREF to VOUT
(G = 1) for IREF in Decade Steps from 10 nA to 1 mA, IPD = 10 μA
FREQUENCY (Hz)
10
100
1
100
0.1
0.01
1k
10k
100k
1M
10M
1µA
10µA
10nA
100nA
100µA
Figure 17. Spot Noise Spectral Density at VOUT (G = 1) vs. Frequency for IPD in
Decade Steps from 10 nA to 1 mA
10k
100k
1M
10M
100M
FREQUENCY (Hz)
3
0
–3
–6
–9
–12
AV = 5
AV = 2.5
AV = 2
AV = 1
Figure 18. Small Signal AC Response of the Buffer for Various Closed-Loop
Gains (RL = 1 kΩ CL < 2 pF)
TEMPERATURE (°C)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
90
80
60
40
20
0
–20
10
30
50
70
–10
–30
–40
–2.0
MEAN + 3σ
MEAN – 3σ
Figure 19. Buffer Input Offset Drift vs. Temperature (3σ to Either Side of
Mean)
10n
100n
10µ
100µ
10m
1m
IPD (A)
6
5
4
3
2
1
0
Figure 20. Total Wideband Noise Voltage at VOUT vs. IPD (G = 1)


Podobny numer części - AD8305_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8305 AD-AD8305_17 Datasheet
560Kb / 24P
   Range Logarithmic Converter
More results

Podobny opis - AD8305_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
   160 dB Range Logarithmic Converter
REV. A
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8304 AD-AD8304 Datasheet
4Mb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8305 AD-AD8305 Datasheet
1Mb / 20P
   100 dB Range (10 nA to 1 mA) Logarithmic Converter
REV. A
ADL5304 AD-ADL5304_16 Datasheet
908Kb / 32P
   High Speed, 200 dB Range, Logarithmic Converter
ADL5306 AD-ADL5306 Datasheet
811Kb / 16P
   60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
REV. 0
AD8305 AD-AD8305_17 Datasheet
560Kb / 24P
   Range Logarithmic Converter
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
   160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com