Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8314 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD8314
Szczegółowy opis  100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8314 Arkusz danych(HTML) 1 Page - Analog Devices

  AD8314_15 Datasheet HTML 1Page - Analog Devices AD8314_15 Datasheet HTML 2Page - Analog Devices AD8314_15 Datasheet HTML 3Page - Analog Devices AD8314_15 Datasheet HTML 4Page - Analog Devices AD8314_15 Datasheet HTML 5Page - Analog Devices AD8314_15 Datasheet HTML 6Page - Analog Devices AD8314_15 Datasheet HTML 7Page - Analog Devices AD8314_15 Datasheet HTML 8Page - Analog Devices AD8314_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
100 MHz to 2.7 GHz, 45 dB
RF Detector/Controller
AD8314
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Complete RF detector/controller function
Typical range:−58 dBV to −13 dBV
−45 dBm to 0 dBm, re 50 Ω
Frequency response from 100 MHz to 2.7 GHz
Temperature-stable linear-in-dB response
Accurate to 2.7 GHz
Rapid response: 70 ns to a 10 dB step
Low power: 12 mW at 2.7 V
Power down to 20 μA
APPLICATIONS
Cellular handsets (TDMA, CDMA , GSM)
RSSI and TSSI for wireless terminal devices
Transmitter power measurement and control
GENERAL DESCRIPTION
The AD8314 is a complete low cost subsystem for the
measurement and control of RF signals in the frequency range
of 100 MHz to 2.7 GHz, with a typical dynamic range of 45 dB,
intended for use in a wide variety of cellular handsets and other
wireless devices. It provides a wider dynamic range and better
accuracy than possible using discrete diode detectors. In
particular, its temperature stability is excellent over the full
operating range of −40°C to +85°C.
Its high sensitivity allows control at low power levels, thus
reducing the amount of power that needs to be coupled to the
detector. It is essentially a voltage-responding device, with a
typical signal range of 1.25 mV to 224 mV rms or –58 dBV to
−13 dBV. This is equivalent to −45 dBm to 0 dBm, re 50 Ω.
For convenience, the signal is internally ac-coupled, using a
5 pF capacitor to a load of 3 kΩ in shunt with 2 pF. This high-
pass coupling, with a corner at approximately 16 MHz,
determines the lowest operating frequency. Therefore, the
source can be dc grounded.
The AD8314 provides two voltage outputs. The first, V_UP,
increases from close to ground to about 1.2 V as the input signal
level increases from 1.25 mV to 224 mV. This output is intended
for use in measurement mode. Consult the Applications section
for information on this mode. A capacitor can be connected
between the V_UP and FLTR pins when it is desirable to
increase the time interval over which averaging of the input
waveform occurs.
The second output, V_DN, is an inversion of V_UP but with
twice the slope and offset by a fixed amount. This output starts
at about 2.25 V (provided the supply voltage is ≥3.3 V) for the
minimum input and falls to a value close to ground at the
maximum input. This output is intended for analog control
loop applications. A setpoint voltage is applied to VSET, and
V_DN is then used to control a VGA or power amplifier. Here
again, an external filter capacitor can be added to extend the
averaging time. Consult the Applications section for
information on this mode.
The AD8314 is available in 8-lead MSOP and 8-lead LFCSP
packages and consumes 4.5 mA from a 2.7 V to 5.5 V supply.
When powered down, the typical sleep current is 20 μA.
FUNCTIONAL BLOCK DIAGRAM
10dB
OFFSET
COMPENSATION
V-I
I-V
RFIN
COMM
(PADDLE)
VPOS
X2
ENBL
V_DN
V_UP
VSET
FLTR
AD8314
10dB
10dB
10dB
BAND GAP
REFERENCE
DET
DET
+
+
DET
DET
DET
Figure 1.


Podobny numer części - AD8314_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8314 AD-AD8314_18 Datasheet
522Kb / 20P
   RF Detector/Controller
More results

Podobny opis - AD8314_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8314ACPZ AD-AD8314ACPZ Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
AD8314 AD-AD8314 Datasheet
274Kb / 16P
   100 MHz-2500 MHz 45 dB RF Detector/Controller
REV. 0
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. 0
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
   30 MHz to 4.5 GHz, 45 dB RF Detector
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
AD8317 AD-AD8317 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 50 dB Log Detector/Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com