Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8318-EP Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD8318-EP
Szczegółowy opis  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8318-EP Arkusz danych(HTML) 4 Page - Analog Devices

  AD8318-EP_15 Datasheet HTML 1Page - Analog Devices AD8318-EP_15 Datasheet HTML 2Page - Analog Devices AD8318-EP_15 Datasheet HTML 3Page - Analog Devices AD8318-EP_15 Datasheet HTML 4Page - Analog Devices AD8318-EP_15 Datasheet HTML 5Page - Analog Devices AD8318-EP_15 Datasheet HTML 6Page - Analog Devices AD8318-EP_15 Datasheet HTML 7Page - Analog Devices AD8318-EP_15 Datasheet HTML 8Page - Analog Devices AD8318-EP_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8318-EP
Enhanced Product
Rev. 0 | Page 4 of 12
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
f = 3.6 GHz
R
TADJ = 51 Ω
Input Impedance
119||0.7
Ω||pF
±3 dB Dynamic Range
T
A = 25°C
70
dB
−55°C < T
A < +105°C
61
dB
±1 dB Dynamic Range
T
A = 25°C
58
dB
Maximum Input Level
±1 dB error
−2
dBm
Minimum Input Level
±1 dB error
–60
dBm
Slope
−24.3
mV/dB
Intercept
19.8
dBm
Output Voltage—High Power In
P
IN = −10 dBm
0.717
V
Output Voltage—Low Power In
P
IN = −40 dBm
1.46
V
Temperature Sensitivity
P
IN = −10 dBm
25°C ≤ T
A ≤ 105°C
0.0012
dB/°C
−55°C ≤ T
A ≤ +25°C
0.009
dB/°C
f = 5.8 GHz
R
TADJ = 1000 Ω
Input Impedance
33||0.59
Ω||pF
±3 dB Dynamic Range
T
A = 25°C
70
dB
−55°C < T
A < +105°C
62
dB
±1 dB Dynamic Range
T
A = 25°C
57
dB
Maximum Input Level
±1 dB error
−1
dBm
Minimum Input Level
±1 dB error
−58
dBm
Slope
−24.3
mV/dB
Intercept
25
dBm
Output Voltage—High Power In
P
IN = −10 dBm
0.86
V
Output Voltage—Low Power In
P
IN = −40 dBm
1.59
V
Temperature Sensitivity
P
IN = −10 dBm
25°C ≤ T
A ≤ 105°C
0.019
dB/°C
−55°C ≤ T
A ≤ +25°C
0.0096
dB/°C
f = 8.0 GHz
R
TADJ = 500 Ω
±3 dB Dynamic Range
T
A = 25°C
60
dB
−55°C < T
A < +105°C
58
dB
Maximum Input Level
±3 dB error
3
dBm
Minimum Input Level
±3 dB error
−55
dBm
Slope
−23
mV/dB
Intercept
37
dBm
Output Voltage—High Power In
P
IN = −10 dBm
1.06
V
Output Voltage—Low Power In
P
IN = −40 dBm
1.78
V
Temperature Sensitivity
P
IN = −10 dBm
25°C ≤ T
A ≤ 105°C
0.032
dB/°C
−55°C ≤ T
A ≤ +25°C
0.0078
dB/°C
OUTPUT INTERFACE
VOUT (Pin 6)
Voltage Swing
V
SET = 0 V; PIN = −10 dBm, no load
1
4.9
V
V
SET = 2.1 V; PIN = −10 dBm, no load
1
25
mV
Output Current Drive
V
SET = 1.5 V; PIN = −50 dBm
60
mA
Small Signal Bandwidth
P
IN = −10 dBm; from CLPF to VOUT
60
MHz
Video Bandwidth (or Envelope Bandwidth)
45
MHz
Output Noise
P
IN = 2.2 GHz; −10 dBm, fNOISE = 100 kHz, CLPF = 220 pF
90
nV/√Hz
Fall Time
P
IN = Off to −10 dBm, 90% to 10%
10
ns
Rise Time
P
IN = −10 dBm to off, 10% to 90%
12
ns


Podobny numer części - AD8318-EP_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8318-EVAL AD-AD8318-EVAL Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
AD8318-EVAL AD-AD8318-EVAL Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
AD8318-EVALZ AD-AD8318-EVALZ Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318-EVALZ AD-AD8318-EVALZ Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
More results

Podobny opis - AD8318-EP_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC602LP4 HITTITE-HMC602LP4 Datasheet
626Kb / 10P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
AD8313 AD-AD8313_15 Datasheet
721Kb / 24P
   0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8313 AD-AD8313_04 Datasheet
720Kb / 24P
   0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com